Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V6416Q2LEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI4IOE5V6416Q2LEX
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416Q2LEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI4IOE5V6416Q2LEX Datasheet HTML 1Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 2Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6416Q2LEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low-Voltage Translating 16-bit I2C-bus I/O Expander
PI4IOE5V6416Q
www.diodes.com
December 2020
Document Number DS42666 Rev 2-2
1
© Diodes Incorporated
PI4IOE5V6416Q
Features
Description
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI4IOE5V6416Q2LEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6416LEX DIODES-PI4IOE5V6416LEX Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6416ZDEX DIODES-PI4IOE5V6416ZDEX Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
More results

Similar Description - PI4IOE5V6416Q2LEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
logo
Diodes Incorporated
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6534Q DIODES-PI4IOE5V6534Q Datasheet
5Mb / 34P
Low-Voltage Translating 34-bit I2C-bus I/O Expander
April 2021
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com