| Electronic Components Datasheet Search |
|
ADE1202ACCZ Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE1202ACCZ Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 42 page ![]() Data Sheet ADE1202 Rev. 0 | Page 35 of 42 Bits Bit Name Description Reset Access [2:1] DECRATE Decimation Rate. The decimation rate used when decimation is enabled. 0x0 R/W 0: decimation filter is bypassed. 1: decimation rate equals 2. 10: decimation rate equals 4. 11: decimation rate equals 8. 0 DECIMATE Enable Decimation. If this bit is set, the ADC data is decimated according to the DECRATE bit field setting. The decimated samples can be read back from the ADCDEC register. 0x0 R/W BINARY CHANNEL THRESHOLD LEVEL REGISTER Address: 0x003, Reset: 0x5AAA, Name: BIN_THR Binary channel high and low threshold values. Table 21. Bit Descriptions for BIN_THR Bits Bit Name Description Reset Access [15:8] BIN_LO_THR Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset. 0x5A R/W [7:0] BIN_HI_THR High Threshold Level. If the ADC is > high threshold, the comparator output is set. 0xAA R/W WARNAx CHANNEL THRESHOLD LEVEL REGISTER Address: 0x004, Reset: 0xCCCC, Name: WARNA_THR Warning A high and low threshold values. Table 22. Bit Descriptions for WARNA_THR Bits Bit Name Description Reset Access [15:8] WARNA_LO_THR Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset. 0xCC R/W [7:0] WARNA_HI_THR High Threshold Level. If the ADC is > high threshold, the comparator output is set. 0xCC R/W WARNBx CHANNEL THRESHOLD LEVEL REGISTER Address: 0x005, Reset: 0x5A88, Name: WARNB_THR Warning B high and low threshold values. Table 23. Bit Descriptions for WARNB_THR Bits Bit Name Description Reset Access [15:8] WARNB_LO_THR Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset. 0x5A R/W [7:0] WARNB_HI_THR High Threshold Level. If the ADC is > high threshold, the comparator output is set. 0x88 R/W WARNCx CHANNEL THRESHOLD LEVEL REGISTER Address: 0x006, Reset: 0x2D2D, Name: WARNC_THR Warning C high and low threshold values. Table 24. Bit Descriptions for WARNC_THR Bits Bit Name Description Reset Access [15:8] WARNC_LO_THR Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset. 0x2D R/W [7:0] WARNC_HI_THR High Threshold Level. If the ADC is > high threshold, the comparator output is set. 0x2D R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |