Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC804 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC804 Datasheet HTML 1Page - NXP Semiconductors LPC804 Datasheet HTML 2Page - NXP Semiconductors LPC804 Datasheet HTML 3Page - NXP Semiconductors LPC804 Datasheet HTML 4Page - NXP Semiconductors LPC804 Datasheet HTML 5Page - NXP Semiconductors LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
1. General description
The LPC804 are an Arm
Cortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 15 MHz. The LPC804 supports 32 KB of flash memory and 4 KB of
SRAM.
The peripheral complement of the LPC804 includes a CRC engine, two I2C-bus
interfaces, up to two USARTs, one SPI interface, Capacitive Touch Interface (Cap
Touch), one multi-rate timer, self-wake-up timer, one general purpose 32-bit counter/timer,
one 12-bit ADC, one 10-bit DAC, one analog comparator, function-configurable I/O ports
through a switch matrix, an input pattern match engine, Programmable Logic Unit (PLU),
and up to 30 general-purpose I/O pins.
For additional documentation related to the LPC804 parts, see Section 19.
2. Features and benefits
System:
Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 15 MHz
with single-cycle multiplier and fast single-cycle I/O port.
Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
AHB multilayer matrix.
Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
Memory:
Up to 32 KB on-chip EEPROM based flash programming memory.
Code Read Protection (CRP).
4 KB SRAM.
Dual I/O power (LPC804M111JDH24):
Independent supplies on each package side permitting level-shifting signals from
one off-chip voltage domain to another and/or interfacing directly to off-chip
peripherals operating at different supply levels.
The switch matrix provides level shifter functionality to allow up to two selected
signals to be routed from user-selected pins in one voltage domain to selected pins
in the alternate domain. This feature can also be used on a single supply device if
voltage level shifting is not required.
ROM API support:
Boot loader.
LPC804
32-bit Arm® Cortex®-M0+ microcontroller; up to 32 KB flash
and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC;
Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.0 — 21 September 2021
Product data sheet


Similar Part No. - LPC804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC804 NXP-LPC804 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
LPC804M101JDH20 NXP-LPC804M101JDH20 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
LPC804M101JDH20 NXP-LPC804M101JDH20 Datasheet
3Mb / 80P
32-bit ARM Cortex-M0 microcontroller
9 February 2018
LPC804M101JDH20FP NXP-LPC804M101JDH20FP Datasheet
3Mb / 80P
32-bit ARM Cortex-M0 microcontroller
9 February 2018
More results

Similar Description - LPC804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC11U6X NXP-LPC11U6X Datasheet
2Mb / 97P
32-bit ARM Cortex-M0 microcontroller; up to 256 KB flash and 36 KB SRAM; 4 KB EEPROM; USB; 12-bit ADC
Rev. 1.5-12 August 2020
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
LPC82X NXP-LPC82X Datasheet
2Mb / 83P
32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.4-19 March 2021
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
LPC804 NXP-LPC804_V02 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com