Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602BAVLL4R Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MPC5602BAVLL4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602BAVLL4R Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MPC5602BAVLL4R Datasheet HTML 30Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 36Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 37Page - NXP Semiconductors MPC5602BAVLL4R Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
34
2.13
Recommended operating conditions
Table 12. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
1 100 nF capacitance needs to be provided between each V
DD/VSS pair
SR Voltage on VDD_HV pins with respect to ground
(VSS)
—3.0
3.6
V
VSS_LV
2
2 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
SR Voltage on VSS_LV (low voltage digital supply)
pins with respect to ground (VSS)
—VSS−0.1
VSS+0.1
V
VDD_BV
3
3 400 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
SR Voltage on VDD_BV pin (regulator supply) with
respect to ground (VSS)
—3.0
3.6
V
Relative to VDD VDD−0.1
VDD+0.1
VSS_ADC
SR Voltage on VSS_HV_ADC (ADC reference) pin
with respect to ground (VSS)
—VSS−0.1
VSS+0.1
V
VDD_ADC
4
4 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
SR Voltage on VDD_HV_ADC pin (ADC reference)
with respect to ground (VSS)
—3.05
5 Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL,
device is reset.
3.6
V
Relative to VDD VDD−0.1
VDD+0.1
VIN
SR Voltage on any GPIO pin with respect to ground
(VSS)
—VSS−0.1
—
V
Relative to VDD
—VDD+0.1
IINJPAD
SR Injected input current on any pin during overload
condition
—
−55
mA
IINJSUM
SR Absolute sum of all injected input currents during
overload condition
—
−50
50
TVDD
SR VDD slope to ensure correct power up
6
6 Guaranteed by device validation.
—3.07
7 Minimum value of TV
DD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).
0.25[V/µs]
)
V/s
TA C-Grade Part SR Ambient temperature under bias
fCPU
≤ 64 MHz
−40
85
°C
TJ C-Grade Part SR Junction temperature under bias
−40
110
TA V-Grade Part SR Ambient temperature under bias
−40
105
TJ V-Grade Part SR Junction temperature under bias
−40
130
TA M-Grade Part SR Ambient temperature under bias
−40
125
TJ M-Grade Part SR Junction temperature under bias
−40
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com