Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B270N04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # B270N04
Description  N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B270N04 Datasheet(HTML) 2 Page - STMicroelectronics

  B270N04 Datasheet HTML 1Page - STMicroelectronics B270N04 Datasheet HTML 2Page - STMicroelectronics B270N04 Datasheet HTML 3Page - STMicroelectronics B270N04 Datasheet HTML 4Page - STMicroelectronics B270N04 Datasheet HTML 5Page - STMicroelectronics B270N04 Datasheet HTML 6Page - STMicroelectronics B270N04 Datasheet HTML 7Page - STMicroelectronics B270N04 Datasheet HTML 8Page - STMicroelectronics B270N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Electrical ratings
STB270N04-1 - STB270N04 - STP270N04
2/14
Rev3
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/I²PAK
D²PAK
VDS
Drain-Source Voltage (VGS = 0)
40
V
VGS
Gate-Source Voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain Current (continuous) at TC = 25°C
120
160
A
ID
(1)
Drain Current (continuous) at TC=100°C
120
160
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain Current (pulsed)
480
640
A
PTOT
Total Dissipation at TC = 25°C
330
W
Derating Factor
2.2
W/°C
dv/dt(3)
3.
ISD ≤120A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Peak Diode Recovery voltage slope
3.5
V/ns
EAS
(4)
4.
Starting Tj=25°C, Id =80A, Vdd=32V
Single Pulse Avalanche Energy
1
J
TJ
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/I²PAK
D²PAK
Rthj-case
Thermal resistance junction-case Max
0.45
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance Junction-pcb Max
--
35
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
--
°C/W
Tl
Maximum lead temperature for soldering
purpose (for 10 sec, 1.6mm from case)
300
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com