Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V6534Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI4IOE5V6534Q
Description  Low-Voltage Translating 34-bit I2C-bus I/O Expander
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6534Q Datasheet(HTML) 2 Page - Diodes Incorporated

  PI4IOE5V6534Q Datasheet HTML 1Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 2Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6534Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PI4IOE5V6534Q
www.diodes.com
April 2021
Document Number DS42477 Rev 2-2
2
© Diodes Incorporated
PI4IOE5V6534Q
Pin Configuration
Transparent Top View
Pin Description
Pin Name
Pin#
Description
P4_0
1
Port 4 input/output 0.
P4_1
2
Port 4 input/output 1.
NC
3, 4, 12, 29
No Connected
ADDR
5
Address input. Connect directly to VDD (I2C-bus), ground, SCL or SDA.
RESET
̅̅̅̅̅̅̅̅̅
6
Active LOW reset input. Connect to VDD (I2C-bus) through a pull-up resistor if no active
connection is used.
VDD (P)
7
Supply voltage of PI4IOE5V6534Q for Port P.
SCL
8
Serial clock bus. Connect to VDD (I2C-bus) through a pull-up resistor.
SDA
9
Serial data bus. Connect to VDD (I2C-bus) through a pull-up resistor.
VDD (I2C)
10
Supply voltage of I
2C-bus. Connect directly to the VDD of the external I2C master.
Provides voltage-level translation.
INT
̅̅̅̅̅
11
Interrupt output. Connect to VDD (I2C-bus) or VDD (P) through a pull-up resistor.
P0_0
13
Port 0 input/output 0.
P0_1
14
Port 0 input/output 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com