Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7991 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7991
Description  SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7991 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7991 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7991 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7991
SONET/SDH 10.7Gb/s
Electroabsorption Modulator/Laser Diode Driver
G52321-0, Rev 2.3
Page 3
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings(1)
Negative Power Supply Voltage (VSS)..............................................................................................VCC to −8.0V
All Pins ................................................................................................................................................VSS to + .5V
Supply Voltage (VSS) ......................................................................................................................................... 8V
Supply Current (ISS) .................................................................................................................................... 500mA
Input Voltage (VIN)........................................................................................................................................ −2.0V
Output Voltage (VOUT)................................................................................................................................. −4.0V
Modulation Control Voltage (VIP).........................................................................................................VSS − 0.5V
Output Offset Control Voltage (IB, IBN) ..........................................................................................................11V
Output Offset Control Current (IIB) .............................................................................................................. 50mA
Maximum Junction Temperature Range
..................................................................................... −55°C to +125°C
Storage Temperature Range:
....................................................................................................... −55°C to +125°C
Note:
(1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
Recommended Operating Conditions
Positive Voltage Rail (GND) .............................................................................................................................. 0V
Negative Voltage Rail (VSS)...........................................................................................................−6.5V to −7.2V
Operational Case Temperature (TC1) ...................................................................................................0°C to 75°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com