Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF20 Datasheet(PDF) 5 Page - CUI INC

Part # PRF20
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRF20 Datasheet(HTML) 5 Page - CUI INC

  PRF20_V01 Datasheet HTML 1Page - CUI INC PRF20_V01 Datasheet HTML 2Page - CUI INC PRF20_V01 Datasheet HTML 3Page - CUI INC PRF20_V01 Datasheet HTML 4Page - CUI INC PRF20_V01 Datasheet HTML 5Page - CUI INC PRF20_V01 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRF20 │ DESCRIPTION: DC-DC CONVERTER
date 03/10/2022
│ page 5 of 6
APPLICATION NOTES
Note:
1.AllspecificationsaremeasuredatTa=25°C,nominalinputvoltageandfulloutputloadunlessotherwisespecified.
Output Voltage Trimming
Leave open if not used.
Table 3
Vout
(Vdc)
R1
(KΩ)
R2
(KΩ)
R3
(KΩ)
Rt
(KΩ)
Vr
(V)
5
2.32
2.32
0
8.2
2.5
12
6.8
2.4
2.32
22
2.5
15
8.06
2.4
3.9
27
2.5
Rtrim - up = (
) - Rt (K)
Rtrim - down = R1 x (
-1) - Rt (K)
Vr x R1 x (R2 + R3)
(Vo - Vo, nom) x R2
Vr x R1
(Vo, nom - Vo) x R2
Note: R
trim-upistheexternalresistorinKΩ
R
trim-downistheexternalresistorinKΩ
V
O, nom is the nominal output voltage
V
O is the desired output voltage
R1, R2, R3, Rt, and Vr are internal (see table 3).
Figure 3
Formula for Trim Resistor
Application Circuit for Trim pin
Trim up
Trim down
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com