Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC6315 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC6315
Description  Open-Drain Microprocessor Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6315 Datasheet(HTML) 4 Page - Microchip Technology

  MIC6315 Datasheet HTML 1Page - Microchip Technology MIC6315 Datasheet HTML 2Page - Microchip Technology MIC6315 Datasheet HTML 3Page - Microchip Technology MIC6315 Datasheet HTML 4Page - Microchip Technology MIC6315 Datasheet HTML 5Page - Microchip Technology MIC6315 Datasheet HTML 6Page - Microchip Technology MIC6315 Datasheet HTML 7Page - Microchip Technology MIC6315 Datasheet HTML 8Page - Microchip Technology MIC6315 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC6315
DS20006450B-page 4
2021 - 2022 Microchip Technology Inc.
Timing Diagram
/MR Input Threshold
VIL
0.8
V
VTH > 4.0V
0.25 x VCC
VTH < 4.0V
/MR Pull-Up Resistance
10
20
30
/MR Glitch Immunity
100
ns
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
+125
°C
Note 1
Operating Temperature Range
TA
–40
+85
°C
Storage Temperature Range
TS
–65
+150
°C
Lead Temperature
+300
°C
Soldering, 10 sec.
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: For typical values, VCC = 2.5V to 5.5V; TA = +25°C, bold values valid for –40°C ≤ TA
+85°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Various reset thresholds available. See the Product Identification System section or contact Microchip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com