Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC64-I/P Datasheet(PDF) 48 Page - Microchip Technology

Part # 24LC64-I/P
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-I/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button 24LC64-I/P Datasheet HTML 43Page - Microchip Technology 24LC64-I/P Datasheet HTML 44Page - Microchip Technology 24LC64-I/P Datasheet HTML 45Page - Microchip Technology 24LC64-I/P Datasheet HTML 46Page - Microchip Technology 24LC64-I/P Datasheet HTML 47Page - Microchip Technology 24LC64-I/P Datasheet HTML 48Page - Microchip Technology 24LC64-I/P Datasheet HTML 49Page - Microchip Technology 24LC64-I/P Datasheet HTML 50Page - Microchip Technology 24LC64-I/P Datasheet HTML 51Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
24AA64/24FC64/24LC64
DS20001189U-page 48
 1997-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
24AA64
=
24AA64X
=
24FC64
=
24LC64
=
24LC64X
=
1.7V, 64-Kbit I2C Serial EEPROM
1.7V, 64-Kbit I2C Serial EEPROM in alternate pin-
out (ST only)
1.7V, 64-Kbit I2C Serial EEPROM
2.5V, 64-Kbit I2C Serial EEPROM
2.5V, 64-Kbit I2C Serial EEPROM in alternate
pinout (ST only)
Tape and Reel
Option:
Blank
=
T
=
Standard packaging (tube)
Tape and Reel
Temperature
Range:
I=
E=
-40
C to +85C (Industrial)
-40
C to +125C (Extended)
Package:
CS16K(2)
=
MC
=
MF
=
MS
=
P=
SN
=
SM
=
OT
=
MNY
=
ST
=
Chip Scale Package – 5-Lead (CS) (Tape and
Reel only)
Plastic Dual Flat, No Lead – 2x3x1 mm Body,
8-Lead (DFN)
Plastic Dual Flat, No Lead – 6x5 mm Body,
8-Lead (DFN-S)
Plastic Micro Small Outline – 8-Lead (MSOP)
Plastic Dual In-Line – 300 mil Body, 8-Lead
(PDIP)
Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
Plastic Small Outline - Medium, 5.28 mm Body,
8-Lead (SOIJ)
Plastic Small Outline Transistor – 5-Lead
(SOT-23) (Tape and Reel only)
Plastic Dual Flat, No Lead Package –
2x3x0.8 mm Body, 8-Lead (TDFN)
Plastic Thin Shrink Small Outline – 4.4 mm
Body, 8-Lead (TSSOP)
Examples
a)
24AA64-I/P:
64-Kbit I2C Serial EEPROM,
Industrial temp., PDIP package.
b)
24AA64-I/SN:
64-Kbit I2C Serial EEPROM,
Industrial temp., SOIC package.
c)
24AA64-I/SM:
64-Kbit I2C Serial EEPROM,
Industrial temp., SOIJ package.
d)
24AA64T-I/ST:
64-Kbit I2C Serial EEPROM,
Tape and Reel, Industrial temp., TSSOP package.
e)
24LC64-I/P:
64-Kbit I2C Serial EEPROM,
Industrial temp., PDIP package.
f)
24LC64-E/SN:
64-Kbit I2C Serial EEPROM,
Extended temp., SOIC package.
g)
24LC64-E/SM:
64-Kbit, I2C Serial EEPROM,
Extended temp., SOIJ package.
h)
24LC64-I/ST:
64-Kbit, I2C Serial EEPROM,
Industrial temp., TSSOP package.
i)
24AA64T-I/CS16K: 64-Kbit, I2C Serial EEPROM,
Tape and Reel, Industrial temp., CS package.
j)
24AA64T-E/SN:
64-Kbit, I2C Serial EEPROM,
Tape and Reel, Extended temp., SOIC package.
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your Micro-
chip Sales Office for package availability with
the Tape and Reel option.
2:
“16K” indicates 160K technology
(1)
(1)
–X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com