Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM7SDI8DFS Datasheet(PDF) 2 Page - Schneider Electric

Part # TM7SDI8DFS
Description  Safety discrete I/O expansion block, Modicon TM7, IP67, 8 DI, 24 V DC, 2 A, M12 connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM7SDI8DFS Datasheet(HTML) 2 Page - Schneider Electric

  TM7SDI8DFS Datasheet HTML 1Page - Schneider Electric TM7SDI8DFS Datasheet HTML 2Page - Schneider Electric TM7SDI8DFS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safety reliability data
PFD < 1E-5
MTTFd = 2500 years
PFH < 1E-10
Environment
Product certifications
cULus
Marking
CE
Ambient air temperature for
operation
0…60 °C
Ambient air temperature for
storage
-25…85 °C
Relative humidity
5…95 % without condensation or dripping water
Pollution degree
2 conforming to IEC 60664
IP degree of protection
IP67 conforming to IEC 61131-2
Operating altitude
0...2000 m
Vibration resistance
7.5 mm constant amplitude (f= 2…8 Hz) conforming to IEC 60721-3-5 Class 5M3
2 gn constant acceleration (f= 8…200 Hz) conforming to IEC 60721-3-5 Class 5M3
4 gn constant acceleration (f= 200…500 Hz) conforming to IEC 60721-3-5 Class 5M3
Shock resistance
30 gn for 11 ms conforming to IEC 60721-3-5 Class 5M3
Electromagnetic compatibility
Electrostatic discharge immunity test, 4 kV on contact conforming to EN/IEC 61000-4-2
Electrostatic discharge immunity test, 8 kV in air conforming to EN/IEC 61000-4-2
Susceptibility to electromagnetic fields, 10 V/m 80...2000 MHz conforming to EN/IEC 61000-4-3
Electrical fast transient/burst immunity test, 2 kV power supply conforming to EN/IEC 61000-4-4
Electrical fast transient/burst immunity test, 1 kV input/output conforming to EN/IEC 61000-4-4
Electrical fast transient/burst immunity test, 1 kV shielded cable conforming to EN/IEC 61000-4-4
1.2/50 µs shock waves immunity test, 0.5 kV power supply (common mode) conforming to EN/IEC
61000-4-5
1.2/50 µs shock waves immunity test, 1 kV power supply (differential mode) conforming to EN/IEC
61000-4-5
1.2/50 µs shock waves immunity test, 0.5 kV unshielded links (common mode) conforming to EN/IEC
61000-4-5
1.2/50 µs shock waves immunity test, 1 kV unshielded links (differential mode) conforming to EN/IEC
61000-4-5
1.2/50 µs shock waves immunity test, 0.5 kV shielded links (common mode) conforming to EN/IEC
61000-4-5
1.2/50 µs shock waves immunity test, 1 kV shielded links (differential mode) conforming to EN/IEC
61000-4-5
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
225.0 g
Package 1 Height
5 cm
Package 1 width
6 cm
Package 1 Length
11 cm
Unit Type of Package 2
S02
Number of Units in Package 2
35
Package 2 Weight
8.12 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
2
Apr 12, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com