| Electronic Components Datasheet Search |
|
PPC5602BAVMG6R Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5602BAVMG6R Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 109 page ![]() Package pinouts and signal descriptions MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 7 2 Package pinouts and signal descriptions 2.1 Package pinouts The available LQFP pinouts and the 208 MAPBGA ballmap are provided in the following figures. For pin signal descriptions, please refer to the device reference manual. Memory protection unit (MPU) Provides hardware access control for all memory references generated in a device Nexus development interface (NDI) Provides real-time development support capabilities in compliance with the IEEE-ISTO 5001-2003 standard Periodic interrupt timer (PIT) Produces periodic interrupts and triggers Real-time counter (RTC) A free running counter used for time keeping applications, the RTC can be configured to generate an interrupt at a predefined interval independent of the mode of operation (run mode or low-power mode) System integration unit (SIU) Provides control over all the electrical pad controls and up 32 ports with 16 bits of bidirectional, general-purpose input and output signals and supports up to 32 external interrupts with trigger event configuration Static random-access memory (SRAM) Provides storage for program code, constants, and variables System status configuration module (SSCM) Provides system configuration and status data (such as memory size and status, device mode and security status), device identification data, debug status port enable and selection, and bus and peripheral abort enable/disable System timer module (STM) Provides a set of output compare events to support AUTOSAR (Automotive Open System Architecture) and operating system tasks Software watchdog timer (SWT) Provides protection from runaway code Wakeup unit (WKPU) The wakeup unit supports up to 18 external sources that can generate interrupts or wakeup events, of which 1 can cause non-maskable interrupt requests or wakeup events. Crossbar (XBAR) switch Supports simultaneous connections between two master ports and three slave ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus width. Table 2. MPC5604B/C series block summary (continued) Block Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |