Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX20002ATPA/VY+ Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX20002ATPA/VY+
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002ATPA/VY+ Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX20002ATPA/VY+ Datasheet HTML 11Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 12Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 13Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 14Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 15Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 16Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 17Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 18Page - Maxim Integrated Products MAX20002ATPA/VY+ Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Ordering Information
PART
PIN-
PACKAGE
VOUT
ADJUSTABLE
(FB TIED TO
RESISTOR-
DIVIDER) (V)
VOUT FIXED
(FB TIED TO
BIAS) (V)
MAXIMUM
OPERATING
CURRENT (A)
MINIMUM
ILIM (A)
TIGHT OV
THRESHOLD
COMING OUT
OF DROPOUT
MAX20002ATPA/V+
20 TQFN-EP*
1 to 10
5
2
2.5
No
MAX20002ATPA/VY+**
20 SW TQFN-EP*
1 to 10
5
2
2.5
No
MAX20002ATPB/V+
20 TQFN-EP*
1 to 10
3.3
2
2.5
No
MAX20002CATPA/V+
20 TQFN-EP*
1 to 10
5
2
2.5
Yes
MAX20002CATPB/V+
20 TQFN-EP*
1 to 10
3.3
2
2.5
Yes
MAX20002EATPA/VY+**
20 SW TQFN-EP*
1 to 10
5
2
2.5
Yes
MAX20002EATPB/VY+
20 SW TQFN-EP*
1 to 10
3.3
2
2.5
Yes
MAX20003ATPA/V+
20 TQFN-EP*
1 to 10
5
3
3.75
No
MAX20003ATPA/VY+**
20 SW TQFN-EP*
1 to 10
5
3
3.75
No
MAX20003ATPB/V+
20 TQFN-EP*
1 to 10
3.3
3
3.75
No
MAX20003CATPA/V+
20 TQFN-EP*
1 to 10
5
3
3.75
Yes
MAX20003CATPB/V+
20 TQFN-EP*
1 to 10
3.3
3
3.75
Yes
MAX20003CATPC/V+
20 TQFN-EP*
1 to 10
5
3
5
Yes
MAX20003CATPD/V+
20 TQFN-EP*
1 to 10
3.3
3
5
Yes
MAX20003EATPA/VY+
20 SW TQFN-EP*
1 to 10
5
3
3.75
Yes
MAX20003EATPB/VY+
20 SW TQFN-EP*
1 to 10
3.3
3
3.75
Yes
Note: All devices operate over the -40°C to +125°C operating temperature range.
/V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
SW = Side wettable.
*EP = Exposed pad.
**Future product—contact factory for availability.
www.maximintegrated.com
Maxim Integrated │ 18
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com