Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX20003ATPA/V+ Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX20003ATPA/V+
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003ATPA/V+ Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX20003ATPA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 18Page - Maxim Integrated Products MAX20003ATPA/V+ Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
3/14
Initial release
—
1
5/14
Added overvoltage-protection threshold spec to Electrical Characteristics table
5
2
2/15
Updated the Benefits and Features section
1
3
11/15
Added new package variants to Electrical Characteristics and Ordering Information
tables
4, 5, 17
4
3/16
Changed land pattern number in Package Information table from 90-0010 to 90-0009
17
5
4/16
Updated Ordering Information
18
6
6/16
Removed MAX20003CATPA/V+ and MAX20003CATPB/V+ from Ordering Information
18
7
6/16
Removed MAX20003CATPC/V+ and MAX20003CATPD/V+ from Ordering Information
18
8
9/16
Updated Benefits and Features; added new package variants in Electrical Characteris-
tics, added TOC24 in Typical Operating Characteristics, updated FSYNC function in Pin
Description; removed future product designations, added new package variants, and
Tight OV Threshold column in Ordering Information; added new
Overvoltage Protection (OVP) section
1, 4, 5, 8,
10, 13, 18
9
4/17
Added MAX2002ATPAVY+ and MAX2003ATPAVY+ (future products) in
Ordering Information
18
10
5/17
Added MAX20002D and MAX20003D to data sheet
1, 4, 12, 13,
18
11
6/17
Added note under Absolute Maximum Ratings section; changed part number in 2nd row
of LX Current Limit in Electrical Characteristics table from MAX20003D to MAX20002D;
updated part numbers in Wide Input Voltage Range section; updated equation in
bottom-left column in Input Capacitor section; changed MAX20002DATPA/VY+ and
MAX20002DATPB/VY+ maximum operating current and minimum ILIM current in Order-
ing Information table
3, 4, 12, 14,
18
12
9/17
Changed note under Absolute Maximum Ratings to Note 2 and added to the Electrical
Characteristics, changing the subsequent note numbers accordingly
3
12.1
Corrected TOC03 in Typical Operating Characteristics section (which was replaced by
the page 1 figure in error)
6
13
10/17
Deleted Note 2 from
Electrical Characteristics table (renumbering remaining notes); removed
future product status from the MAX20002DATPA/VY+, MAX20002DATPB/VY+,
MAX20003DATPA/VY+, MAX20003DATPB/VY+ in
Ordering Information table; changed POD
from 21-100065 to 21-100165 in Package Information
3, 18
14
12/18
Updated the Compensation Network section
16
15
11/19
Updated Benefits and Features, Electrical Characteristics, and Pin Description sections
1, 3, 9
16
4/20
Changed MAX20002D and MAX20003D to MAX20002E and MAX20003E, change all
the reference from D to E
1, 4, 13, 18
17
7/20
Updated Detailed Description and Ordering Information
12, 18
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2017 Maxim Integrated Products, Inc. │ 19
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at https://www.maximintegrated.com/en/storefront/storefront.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com