Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB7016 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB7016
Description  6-Port USB 3.2 Gen 1 SmartHubTM Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB7016_V01 Datasheet HTML 15Page - Microchip Technology USB7016_V01 Datasheet HTML 16Page - Microchip Technology USB7016_V01 Datasheet HTML 17Page - Microchip Technology USB7016_V01 Datasheet HTML 18Page - Microchip Technology USB7016_V01 Datasheet HTML 19Page - Microchip Technology USB7016_V01 Datasheet HTML 20Page - Microchip Technology USB7016_V01 Datasheet HTML 21Page - Microchip Technology USB7016_V01 Datasheet HTML 22Page - Microchip Technology USB7016_V01 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00003740B-page 19
USB7016
A summary of the configuration pin assignments for each of the 2 configurations is provided in Table 3-5. For details on
behavior of each programmable function, refer to Table 3-6.
Note 3-1
The default function is not used in the USB7016.
TABLE 3-5:
PF[31:3] FUNCTION ASSIGNMENT
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)
PF3
DP1_VCONN2
DP1_VCONN2
PF4
DP1_VCONN1
DP1_VCONN1
PF5
DP1_DISCHARGE
DP1_DISCHARGE
PF6
GPIO70
GPIO70
PF7
GPIO71
MIC_DET
PF8
GPIO72
GPIO72
PF9
GPIO73
GPIO73
PF10
PRT_CTL2_U3
I2S_SDI
PF11
PRT_CTL3_U3
I2S_MCLK
PF12
PRT_CTL4_U3
PRT_CTL4_U3
PF13
PRT_CTL4
PRT_CTL4
PF14
PRT_CTL3
PRT_CTL3
PF15
PRT_CTL2
PRT_CTL2
PF16
PRT_CTL5
PRT_CTL5
PF17
PRT_CTL1
PRT_CTL1
PF18
ALERT0
ALERT0
PF19
-
I2S_SDO
PF20
SPI_CE_N
SPI_CE_N
PF21
SPI_CLK
SPI_CLK
PF22
SPI_D0
SPI_D0
PF23
SPI_D1
SPI_D1
PF24
SPI_D2
SPI_D2
PF25
SPI_D3
SPI_D3
PF26
SLV_I2C_CLK
I2S_SCK
PF27
SLV_I2C_DATA
PRT_CTL6
PF28
PRT_CTL6
I2S_LRCK
PF29
(Note 3-1)(Note 3-1)
PF30
MSTR_I2C_CLK
MSTR_I2C_CLK
PF31
MSTR_I2C_DATA
MSTR_I2C_DATA
Note:
The default PFx pin functions can be overridden with additional configuration by modification of the pin mux
registers. These changes can be made during the SMBus configuration stage, by programming to OTP
memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave
interface or USB commands to the internal Hub Feature Controller Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com