Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB7056T-I/KDX Datasheet(PDF) 40 Page - Microchip Technology

Part # USB7056T-I/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056T-I/KDX Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB7056T-I/KDX Datasheet HTML 36Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 37Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 38Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 39Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 40Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 41Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 42Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 43Page - Microchip Technology USB7056T-I/KDX Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
USB7056
DS00002675F-page 40
 2022 Microchip Technology Inc. and its subsidiaries
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
TABLE 9-2:
DEVICE POWER CONSUMPTION
Typical (mA)
Typical Power
VDD12
VDD33
(mW)
Global Suspend
35
13
85
No VBUS
351488
Reset/Standby
2
0
3
Idle
59
28
163
Active Idle
652
68
1007
SuperSpeed Active Operation
4 SuperSpeed Active Ports
740
69
1116
3 SuperSpeed Active Ports
615
62
943
2 SuperSpeed Active Ports
488
54
765
1 SuperSpeed Active Port
357
48
585
Hi-Speed Active Operation
6 Hi-Speed Active Ports
64
58
267
5 Hi-Speed Active Ports
63
52
246
4 Hi-Speed Active Ports
62
48
233
3 Hi-Speed Active Ports
61
42
213
2 Hi-Speed Active Ports
60
36
191
1 Hi-Speed Active Port
59
33
181
Full-Speed Active Operation
6 Full-Speed Active Ports
59
30
171
5 Full-Speed Active Ports
59
31
173
4 Full-Speed Active Ports
59
31
172
3 Full-Speed Active Ports
59
31
171
2 Full-Speed Active Ports
59
29
167
1 Full-Speed Active Port
59
29
166
Mixed SuperSpeed / Hi-Speed Active Operation
2 SS / 2 HS Active Ports
487
64
797
3 SS / 1 HS Active Ports
617
67
960
4 SS / 2 HS Active Ports
741
78
1147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com