Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC128S052 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC128S052
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S052 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC128S052 Datasheet HTML 9Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 10Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 11Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 12Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 13Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 14Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 15Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 16Page - National Semiconductor (TI) ADC128S052 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 500 kSPS, fSCLK = 8 MHz, fIN = 40.2
kHz unless otherwise stated. (Continued)
THD vs. Temperature
ENOB vs. Temperature
20162666
20162654
SNR vs. Input Frequency
THD vs. Input Frequency
20162623
20162624
ENOB vs. Input Frequency
Power Consumption vs. SCLK
20162625
20162644
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com