Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6325CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6325CSA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6325CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6325CSA Datasheet HTML 1Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 2Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 3Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 4Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 5Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 6Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 7Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 8Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
__________________________________________Typical Operating Characteristics
(VIN = +10V, IOUT = 0mA, TA = +25°C, unless otherwise noted.)
2.0
-1.5
-55
-15
65
MAX6350
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
-1.0
1.0
MAX6325 -01
TEMPERATURE (°C)
25
105
-35
5
85
45
125
0.5
0
-0.5
1.5
400
-300
-200
200
100
0
-100
300
-400
-300
-200
-100
0
100
200
300
-40 -30 -20 -10
0
10
20
30
40
MAX6350
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +25
°C
TA = -40
°C
TA = +85
°C
-55
-15
65
MAX6341
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
-1.0
1.0
MAX6325 -02
TEMPERATURE (°C)
25
105
-35
5
85
45
125
0.5
0
-0.5
1.5
-250
-125
0
125
250
375
-0.4
-0.3
-0.2
-0.1
00
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-160
-120
-80
-40
40
80
120
160
200
240
280
-55
-15
65
MAX6325
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
MAX6325 03
TEMPERATURE (°C)
25
105
-35
5
85
45
125
-300
-200
-100
0
100
200
300
-40 -30 -20 -10
0
10
20
30
40
MAX6341
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +25
°C
TA = -40
°C
TA = +85
°C
-250
-200
-150
-100
-50
0
50
100
150
200
-40 -30 -20 -10
0
10
20
30
40
MAX6325
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT
IOUT (mA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
-20
-10
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
CHANGE IN OUTPUT VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
35
40
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX6325
MAX6341
MAX6350
1.0
1.5
2.0
2.5
3.0
3.5
-55 -35 -15
5
25 45
65
85 105 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX6341
MAX6350
MAX6325
MAX6325/MAX6341/MAX6350
Maxim Integrated
5
MAX6325/MAX6341/MAX6350



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com