| Electronic Components Datasheet Search |
|
M64892AFP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M64892AFP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor |
|
5 / 8 page ![]() MITSUBISHI ICS (TV) M64892AFP/GP SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR 5 METHOD OF SETTING DATA The frequency demultiplying ratio uses 15bits. Setting up the band switching output uses 4bits. The test mode data uses 8bits. The total bits used is 27bits. Data is read in when the enable signal is "H" and the clock signal falls. The band switching data is read in at the 4th pulse of the clock signal. The program counter data is read into the latch by the fall of the enable signal after the 18th pulse of the clock signal or the fall of the 19th pulse of the clock signal. When the enable signal goes to "L" before the 18th pulse of the enable signal, only the band SW data is updated and other data is ignored. The shift register is equipped with the 18/19 bit automatic decision function. When the 18th bit data is used, the M9 bit of the program counter is reset and the 1/512 division of the reference frequency is set. In case of the 19th bit, 1/1024 division of the reference frequency is set. M8 BS4 BS3 BS2 BS1 28 27 26 25 24 23 22 21 20 24 23 22 21 20 ENA DATA CLK BAND SW DATA READ INTO LATCH M COUNTER DIVISION RATIO SETTING S COUNTER DIVISION RATIO SETTING READ INTO LATCH M7 M6 M5 M4 M3 M2 M1 M0 S4 S3 S2 S1 S0 (2) Transfer of the 19th bit data The data is latched at the 19th pulse of the clock signal. At this time, 1/1024 frequency division ratio is used. Clock signals after the above are invalid. Notice) To change reference frequency, set up as ENA in "L" after 19th pulse of clock signal by all means M8 BS4 BS3 BS2 BS1 28 27 26 25 24 23 22 21 20 24 23 22 21 20 ENA DATA CLK BAND SW DATA READ INTO LATCH M COUNTER DIVISION RATIO SETTING S COUNTER DIVISION RATIO SETTING READ INTO LATCH M7 M6 M5 M4 M3 M2 M1 M0 S4 S3 S2 S1 S0 M9 29 (1) Transfer of the 18th bit data Data is latched by the fall of the enable signal after the 18th clock signal. At this time, the division of the 1/512 of the reference frequency is used. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |