Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP2204DB Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIP2204DB
Description  Quad Channel Monolithic Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204DB Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIP2204DB Datasheet HTML 8Page - Vishay Siliconix SIP2204DB Datasheet HTML 9Page - Vishay Siliconix SIP2204DB Datasheet HTML 10Page - Vishay Siliconix SIP2204DB Datasheet HTML 11Page - Vishay Siliconix SIP2204DB Datasheet HTML 12Page - Vishay Siliconix SIP2204DB Datasheet HTML 13Page - Vishay Siliconix SIP2204DB Datasheet HTML 14Page - Vishay Siliconix SIP2204DB Datasheet HTML 15Page - Vishay Siliconix SIP2204DB Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 20-Oct-14
1
Document Number: 67244
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QFN32 5 x 5 Case Outline
Notes
(1) Use millimeters as the primary measurement
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994
(3) N is the number of terminals,
Nd is the number of terminals in X-direction and
Ne is the number of terminals in Y-direction.
(4) Dimension b applies to plated terminal and is measured between 0.15 mm and 0.30 mm from terminal tip
(5) The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
(6) Package warpage max. 0.05 mm
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
0.85
0.95
0.029
0.033
0.037
A1
0.00
-
0.05
0.000
-
0.002
A3
0.20 ref.
0.008 ref.
b
0.18
0.25
0.30
0.007
0.010
0.012
D
5.00 BSC
0.197 BSC
D2
3.00
3.10
3.20
0.118
0.122
0.126
e
0.50 BSC
0.020 BSC
E
5.00 BSC
0.197 BSC
E2
3.00
3.10
3.20
0.118
0.122
0.126
K
0.20
-
-
0.008
-
-
L
0.30
0.40
0.50
0.012
0.016
0.020
N (3)
32
32
Nd (3)
88
Ne (3)
88
S14-2079-Rev. A, 20-Oct-14
DWG: 6027
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9 10 11 1213 14 1516
32 31 30 29 28 27 26 25
A3
A1
D
E
Seating plane
b
e
C
Side view
Top view
Bottom view
Terminal Tip
(4)
D2
E2
K
L
Pin 1 location
indentifier
(5)
Pin 1 location
indentifier
(5)
B
0.1 M CA B
0.1 C
0.1 C
0.1 C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com