Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5090A/B/C Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 11Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 12Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 13Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 14Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 15Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 16Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Table 2. Typical External Components Selection (Circuit of Figure 4) (continued)
Table 3. Component Suppliers
SUPPLIER
WEBSITE
AVX
www.avxcorp.com
Coilcraft
www.coilcraft.com
Diodes Incorporated
www.diodes.com
Panasonic
www.panasonic.com
Sanyo
www.sanyo.com
TDK
www.component.tdk.com
Vishay
www.vishay.com
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
6.5 to 40
3.3
2
MAX5090AATE
CIN = 330µF/50V EEVFK1H331Q, Panasonic
CBYPASS = 0.47µF/50V, GRM21BR71H474KA, Murata
COUT = 100µF/6.3V 6SVP100M, Sanyo
CBST = 0.22µF/16V, GRM188R71C224K, Murata
R1 = 0Ω
R2 = Open
RIN = 10Ω, ±1%, 0603
D1 = B360, Diodes Inc.
L1 = 100µH, DO5022P-104
7.5 to 40
5
2
MAX5090BATE
CIN = 330µF/50V EEVFK1H331Q, Panasonic
CBYPASS = 0.47µF/50V, GRM21BR71H474KA, Murata
COUT = 100µF/6.3V 6SVP100M, Sanyo
CBST = 0.22µF/16V, GRM188R71C224K, Murata
R1 = 0Ω
R2 = Open
RIN = 10Ω, ±1%, 0603
D1 = B360, Diodes Inc
L1 = 100µH, DO5022P-104
15 to 40
11
2
MAX5090CATE (VOUT programmed to 11V)
CIN = 330μF/50V EEVFK1H331Q, Panasonic
CBYPASS = 0.47μF/50V, GRM21BR71H474KA, Murata
COUT = 100μF/16V 16SVP100M, Sanyo
CBST = 0.22μF/16V, GRM188R71C224K, Murata
R1 = 910kΩ
R2 = 100kΩ
R3 = 88.2kΩ, ±1% (0603)
R4 = 10kΩ, ±1% (0603)
RIN = 10Ω, ±1% (0603)
D1 = B360, Diodes Inc.
L1 = 100μH, DO5022P-104
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com