Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STX5188 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STX5188
Description  Low-cost free-to-air satellite set-top box decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX5188 Datasheet(HTML) 1 Page - STMicroelectronics

  STX5188 Datasheet HTML 1Page - STMicroelectronics STX5188 Datasheet HTML 2Page - STMicroelectronics STX5188 Datasheet HTML 3Page - STMicroelectronics STX5188 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2006
Rev 1
1/4
4
STx5188
Low-cost free-to-air satellite set-top box decoder
Feature summary
■ Enhanced ST20 32-bit VL-RISC CPU
– 200 MHz, single cycle cache, 4-Kbyte
instruction cache, 4-Kbyte data cache,
2-Kbyte SRAM
■ Unified memory interface
– Up to 166 MHz, 16-bit wide SDRAM
interface
■ Serial flash interface
– Serial flash support (SPI/SSC)
■ Embedded DVB-S QPSK demodulator
– Fast channel acquisition
– Compatible with direct conversion tuners
– Digital carrier and timing recovery loops
– Up to 60 Msps operation
– Automatic spectral inversion ambiguity
resolution
– Digital cancellation of ADC offset
– Digital nyquist root filter
■ External transport stream input
– Support for DVB transport streams
■ MPEG-2 MP at ML video decoder
– Fully programmable horizontal and vertical
SRCs
■ PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with
four 10-bit DAC outputs. RGB/CVBS or
YUV/CVBS or YC/CVBS
– Encoding of CGMS, Teletext, WSS, VPS
and closed caption
■ Graphics/display
– Blitter-based display compositor
– 8 bpp CLUT graphics, 256 x 30-bit
(AYCbCr) CLUT entries or 16-bit true color
graphics, RGB565 and ARGB1555
formats. Link-list control
– 2-D paced blitter engine with fill function
– Multiple channel presentation
■ Audio subsystem
– MPEG-1 layers I/II
– Direct voltage, single ended, stereo audio
DAC
■ Central DMA controller
■ On-chip peripherals
– One ASC (UART) with Tx and Rx FIFOs
– Three 8-bit banks of parallel I/O and one 7-
bit bank
– Two SSCs for I²C/SPI master/slave
interfaces
– Infrared transmitter/receiver
– Integrated VCXO
– Low-power RTC watchdog controller
■ JTAG/TAP interface
■ Package TQFP176 20 mm x 20 mm.
Order codes
Description
Leader in the low-cost FTA satellite market,
STMicroelectronics introduces its latest, low-cost
highly integrated solution for the retail market.
Offering
a
direct
migration
path
from
the
STx5118/STV0288 platform, The STx5188 uses
the same set of IPs, thereby facilitating the porting
from previous generations. It is based on the ST-
interconnect architecture and the popular ST20
CPU running at 200 MHz, and comes with a serial
flash
interface.
The
embedded
QPSK
demodulator guarantees fast satellite scan times
thanks to the blind scan algorithm and a direct
connection to zero-IF tuners.
Part number
Package
STx5188
TQFP176
www.st.com


Similar Part No. - STX5188

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX5525 STMICROELECTRONICS-STX5525 Datasheet
237Kb / 3P
Dual SDTV/DVR set-top box decoder
Rev. 1
logo
Superworld Electronics
STX55A10W5FSN30 SUPERWORLD-STX55A10W5FSN30 Datasheet
844Kb / 3P
Wlreless Charging Transmitting Coil/Shield
More results

Similar Description - STX5188

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
logo
Broadcom Corporation.
BCM7315 BOARDCOM-BCM7315 Datasheet
104Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5188 STMICROELECTRONICS-STI5188 Datasheet
53Kb / 5P
Low-cost free-to-air satellite set-top box decoder
05-Mar-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com