Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BJS3.3SA-U Datasheet(PDF) 2 Page - ETA-USA

Part # BJS3.3SA-U
Description  AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

BJS3.3SA-U Datasheet(HTML) 2 Page - ETA-USA

  BJS3.3SA-U Datasheet HTML 1Page - ETA-USA BJS3.3SA-U Datasheet HTML 2Page - ETA-USA BJS3.3SA-U Datasheet HTML 3Page - ETA-USA BJS3.3SA-U Datasheet HTML 4Page - ETA-USA BJS3.3SA-U Datasheet HTML 5Page - ETA-USA BJS3.3SA-U Datasheet HTML 6Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.eta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
*4 at 0 to +50℃
*5 for 7hour period after 1hour warm-up at 25℃ and rated input/output
Environmental Specification
Operating Temperature
-10 to +71℃ (-10 to 50℃ at full load condition)
Operating Humidity
20 to 90%RH(non-condensing)
Storage Temperature
-20 to +85℃
Storage Humidity
10 to 85%RH(non-condensing)
Withstanding
Voltage
Primary-Secondary
AC1,500V for 1minute
Primary-Frame Ground
AC1,500V for 1minute
Secondary-Frame Ground
AC500V for 1minute
Isolation
Resistance
Primary-Secondary-Frame Ground
50MΩ(minimum) by DC500V
insulation tester
Vibration
5-10Hz:10mm double amplitude,10-55Hz:19.6m/s^2,20minutes
period
for 60minutes each along X,Y,Z axes(non-operating)
Shock
196m/s^2
Cooling
Convection
Environmental Agencies
Leakage Current
55 uA(typ.) at 25℃
Line Conducted
Noise
Built to meet FCC Part15-B Class B
Built to meet VCCI Class B
Safety
UL : UL60950
C-UL : CSA C22.2 No.60950
MTBF
[H]
1,200,000
Switching
Frequency[kHz]
110kHz at rated input/output (130kHz for BJS3.3SA-U at rated
input/output)
90 to 600kHz at input voltage of AC 85 to 132V with a load of 0 to
1,000,025
Function/Protection
Over current
Protection
Current limiting with automatic recovery
Over voltage
Protection
Zener diode clamping
Remote Sense
Not available
Mechanical
Dimension [mm]
40Wx70Lx16H
Weight
30g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com