Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC2M8S0-8TC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S0-8TC
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S0-8TC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S0-8TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC2M8S0-8TC Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
®
AS4LC2M8S1
AS4LC1M16S1
5/21/01; v.1.1
Alliance Semiconductor
P. 9 of 29
Notes
1IDD is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and the outputs open.
2
Other input signals are allowed to transition no more than once in any two-clock period and are otherwise at valid VIH or VIL levels.
3
Address transitions average one transition every two-clock period.
4The IDD current will decrease as the CAS-latency is reduced. This is due to the fact that the maximum cycle rate is slower as the CAS-latency is reduced.
5tCK = 7 ns for –7, 8 ns for –8, and 10 ns for –10.
6If clock tr > 1 ns, (tr/2 – 0.5)ns should be added to the parameter.
7If clock (tr and tf) > 1 ns, [(tr + tf)/2 – 1] ns should be added to the parameter.
8VIH overshoot: VIH(max) = VDDQ + 2V for a pulse width ≤ 3 ns, and the pulse width cannot be greater than one third of the cycle rate. VIL undershoot:
VIL(min) = –2V for a pulse width ≤ 3 ns and the pulse width cannot be greater than one third of the cycle rate.
9
Required clocks are specified by JEDEC functionalisty and are not dependent on any timing parameter.
10 The clock frequency must remain constant during access or precharge states (READ, WRITE, including tWR and PRECHARGE commands). CKE may be
used to reduce the data rate.
11 Timing actually specified tWR plus tRP; clock(s) specified as a reference only at minimum cycle rate.
12 Timing actually specified by tWR.
13 tHZ defines the time at which the output achieves the open circuit condition; it is not a reference to VOH or VOL. The last valid data element will meet tOH
before going to HIGH-Z.
14 CLK must be toggled a minimum of two times during this period.
15 Enables on-chip refresh and address counters.
16 All voltages referenced to VSS.
17 The minimum specifications are used only to indicate the cycle time at which proper operation over the full temperature range (0
° C ≤ T
A ≤ 70° C) is
endured.
tMRD
Load mode register to
active/refresh command
2–
2
–
2
–
tCK
5
tOH
Output data hold time @
30 pF
32
–
2.5
–
3
–
ns
6
22
–
2.5
–
3
–
ns
6
12
–
2.5
–
3
–
ns
6
tPED
CKE to CLOCK enable or
power-down exit mode
1–
1
–
1
–
tCK
tRAS
Active to precharge
command
42
120,000
48
120,000
50
120,000
ns
tRC Active command period
70
–
80
–
80
–
ns
8
tRCAR Auto refresh period
70
–
80
–
80
–
ns
tRCD
Active to read or write
delay
33
–
3
–
3
–
tCK
8
tREF
Refresh period—2048
rows
–64
–
64
–
64
ms
tROH
Data-out high Z from
precharge/burst stop
command
33
–
3
–
3
–
tCK
9
22
–
2
–
2
–
tCK
9
11
–
1
–
1
–
tCK
9
tRP
Precharge command
period
33
–
3
–
3
–
tCK
8
tRRD
Active Bank A to Active
Bank B command
14
–
16
–
20
–
ns
tT
Transition time
0.3
1.0
0.3
1.0
0.3
1.0
ns
tWR WRITE recovery time
2
–2
–
2
–
tCK
tXSR
Exit SELF REFRESH to
ACTIVE command
70
–
80
–
80
–
ns
20
Sym
Parameter
CAS
latency
–7
–8
–10
Unit
Notes
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com