Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS7512 Datasheet(PDF) 2 Page - Sipex Corporation

Part # HS7512
Description  Double-Buffered 12-Bit Multiplying DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7512 Datasheet(HTML) 2 Page - Sipex Corporation

  HS7512 Datasheet HTML 1Page - Sipex Corporation HS7512 Datasheet HTML 2Page - Sipex Corporation HS7512 Datasheet HTML 3Page - Sipex Corporation HS7512 Datasheet HTML 4Page - Sipex Corporation HS7512 Datasheet HTML 5Page - Sipex Corporation HS7512 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
114
SPECIFICATIONS
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar, unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIGITAL INPUT
Resolution
12
Bits
2–Quad, Unipolar Coding
Binary & Comp. Binary
The input coding is comple-
mentary binary if I
02 is used.
4–Quad, Bipolar Coding
Offset Binary
Logic Compatibility
CMOS, TTL
Digital input voltage must not
exceed supply voltage or go
below –0.5V ; “0” <0.8V;
2.4V < “1”
≤V
DD
Input Current
±1
µA
Data Set-up Time
250
ns
All strobes are level triggered.
See Timing Diagram; GBD*
Strobe Width
250
ns
All strobes are level triggered.
See Timing Diagram; GBD*
Data Hold Time
0
ns
All strobes are level triggered.
See Timing Diagram; GBD*
REFERENCE INPUT
Voltage Range
±25
V
Input Impedance
4
12
KOhms
ANALOG OUTPUT
Scale Factor
62.5
187.5
µA/V
REF
Scale Factor Accuracy
±0.4
%
Using the internal feedback
resistor and an external op
amp.
Output Leakage
10
nA
At 25
°C; the output leakage
current will create an offset
voltage at the external op amps
output. It doubles every 10
°C
temperature increase.
Output Capacitance
C
OUT 1, all inputs high
80
pF
C
OUT 1, all inputs low
40
pF
C
OUT 2, all inputs high
40
pF
C
OUT 2, all inputs low
80
pF
STATIC PERFORMANCE
Integral Linearity
SP7512BN/KN, HS3120–2
±0.015
% FSR
Differential Linearity
SP7512BN/KN, HS3120–2
±0.024
%FSR
Monotonicity
SP7512BN/KN, HS3120–2
Guaranteed to 12 bits
STABILITY
(T
MIN
to T
MAX
)
Scale Factor
2
ppm FSR/
°C
Note 1
Integral Linearity
0.2
ppm FSR/
°C
Differential Linearity
0.2
ppm FSR/
°C
STABILITY
(T
MIN
to T
MAX
)
Monotonicity Temp. Range
SP7512KN, HS3120C–_
0
+70
°C
SP7512BN
–40
+85
°C
HS3120B–_
–55
+125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com