Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAM65CR51AXZ2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAM65CR51AXZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51AXZ2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAM65CR51AXZ2 Datasheet HTML 2Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 3Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 4Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 5Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 9Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FAM65CR51AXZ1, FAM65CR51AXZ2
www.onsemi.com
6
PARAMETER DEFINITIONS
Reference to Table 3: Parameter of MOSFET Electrical Specifications
BVDSS
Q1, Q2 MOSFET Drain−to−Source Breakdown Voltage
The maximum drain−to−source voltage the MOSFET can endure without the avalanche breakdown of the body− drain
P−N junction in off state.
The measurement conditions are to be found in Table 3.
The typ. Temperature behavior is described in Figure 13
VGS(th)
Q1, Q2 MOSFET Gate to Source Threshold Voltage
The gate−to−source voltage measurement is triggered by a threshold ID current given in conditions at Table 4.
The typ. Temperature behavior can be found in Figure 10
RDS(ON)
Q1, Q2 MOSFET On Resistance
RDS(on) is the total resistance between the source and the drain during the on state.
The measurement conditions are to be found in Table 3.
The typ behavior can be found in Figure 11 and Figure 12 as well as Figure 17
gFS
Q1, Q2 MOSFET Forward Transconductance
Transconductance is the gain in the MOSFET, expressed in the Equation below.
It describes the change in drain current by the change in the gate−source bias voltage: gfs = [DIDS / DVGS ]VDS
IGSS
Q1, Q2 MOSFET Gate−to−Source Leakage Current
The current flowing from Gate to Source at the maximum allowed VGS
The measurement conditions are described in the Table 3.
IDSS
Q1, Q2 MOSFET Drain−to−Source Leakage Current
Drain – Source current is measured in off state while providing the maximum allowed drain−to-source voltage and the
gate is shorted to the source.
IDSS has a positive temperature coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com