Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFAM3065L4BTL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NFAM3065L4BTL
Description  Intelligent Power Module (IPM) 650 V, 30 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM3065L4BTL Datasheet(HTML) 5 Page - ON Semiconductor

  NFAM3065L4BTL Datasheet HTML 1Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 2Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 3Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 4Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 5Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 6Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 7Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 8Page - ON Semiconductor NFAM3065L4BTL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NFAM3065L4BTL
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (TC = 25°C) (Note 2)
Symbol
Rating
Conditions
Value
Unit
VPN
Supply Voltage
P−NU, NV, NW
450
V
VPN(surge)
Supply Voltage (Surge)
P−NU, NV, NW (Note 3)
550
V
VPN(PROT)
Self Protection Supply Voltage Limit
(Short-Circuit Protection Capability)
VDD = VBS = 13.5 V to 16.5 V,
Tj = 150
°C, VCES < 650 V,
Non-Repetitive, < 2
ms
400
V
Vces
Collector-emitter Voltage
650
V
VRRM
Maximum Repetitive Revers Voltage
650
V
±Ic
Each IGBT Collector Current
±30
A
±Icp
Each IGBT Collector Current (Peak)
Under 1ms Pulse Width
±60
A
VDD
Control Supply Voltage
VDD(UH,VH,WH), VDD(L)−VSS
−0.3 to 20
V
VBS
High-Side Control Bias voltage
VB(U)−VS(U), VB(V)−VS(V),
VB(W)−VS(W)
−0.3 to 20
V
VIN
Input Signal Voltage
HIN(U), HIN(V), HIN(W), LIN(U), LIN(V),
LIN(W)–VSS
−0.3 to VDD
V
VFO
Fault Output Supply Voltage
VFO–VSS
−0.3 to VDD
V
IFO
Fault Output Current
Sink Current at VFO pin
2
mA
VCIN
Current Sensing Input Voltage
CIN–VSS
−0.3 to VDD
V
Pc
Corrector Dissipation
Per One Chip
113
W
Tj
Operating Junction Temperature
−40 to +150
°C
Tstg
Storage Temperature
−40 to +125
°C
Tc
Module Case Operation
Temperature
−40 to +125
°C
Viso
Isolation Voltage
60 Hz, Sinusoidal, AC 1 minute,
Connection Pins to Heat Sink Plate
2500
V rms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
3. This surge voltage developed by the switching operation due to the wiring inductance between P and NU, NV, NW terminal.
THERMAL CHARACTERISTICS
Symbol
Rating
Conditions
Min
Typ
Max
Unit
Rth(j-c)Q
Junction-to-Case Thermal
Resistance
Inverter IGBT Part (per 1/6 module)
−
−
1.1
°C/W
Rth(j-c)F
Inverter FWD Part (per 1/6 module)
−
−
2.2
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com