Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP432CP Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP432CP
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432CP Datasheet(HTML) 2 Page - Sipex Corporation

  SP432CP Datasheet HTML 1Page - Sipex Corporation SP432CP Datasheet HTML 2Page - Sipex Corporation SP432CP Datasheet HTML 3Page - Sipex Corporation SP432CP Datasheet HTML 4Page - Sipex Corporation SP432CP Datasheet HTML 5Page - Sipex Corporation SP432CP Datasheet HTML 6Page - Sipex Corporation SP432CP Datasheet HTML 7Page - Sipex Corporation SP432CP Datasheet HTML 8Page - Sipex Corporation SP432CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability and
cause permanent damage to the device.
V
CC (SupplyVoltage).......................................................................+7.0V
V
CM (Common Mode Range)...........................................................±14V
V
DIFF (Differential Input Voltage)......................................................± 14V
V
IN (Enable Input Voltage)..............................................................+7.0V
T
STG (Storage Temperature Range)..............................-65°C to +150°C
Lead Temperature (4sec)............................................................+260
°C
Maximum Current Per Output......................................................
±25mA
Storage Temperature....................................................-65
°C to +150°C
Power Dissipation Per Package
16-pin PDIP (derate 14.3mW/oC above +70oC)........................1150mW
16-pin NSOIC (derate 8.95mW/oC above +70oC).......................725mW
Figure 1. SP432 Block Diagram
ESD
RI
4
A RI
4
B
VCC
GND
R04
R02
R03
R01
INPUTS
OUTPUTS
ENABLE
ENABLE
RI
3
A RI
3
B
RI
2
A RI
2
B
RI
1
A RI
1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com