Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VTM01-C/D Datasheet(PDF) 2 Page - ETA-USA

Part # VTM01-C/D
Description  12.5W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTM01-C/D Datasheet(HTML) 2 Page - ETA-USA

  VTM01-C/D Datasheet HTML 1Page - ETA-USA VTM01-C/D Datasheet HTML 2Page - ETA-USA VTM01-C/D Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12.5W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
VTM-C/D
Unit
MODEL/CHANNEL
Unit
MODEL/CHANNEL
-
-
-
-
Dimension
Environment
mm/g
Size(WxHxD) / Weight
Operating Temperature
Operating Humidity
Storage Temperature
Withstand Voltage
Vibration
℃
%
℃
V
Isolation Resistance
Shock
Cooling
-
Protection Over Current Protection
A
Input Voltage Range
Vdc
Vdc
Input Voltage 110V
%
Efficiency
VTM01D
VTM03D
Reverse Voltage Protection
Unit
MODEL/CHANNEL
Input Voltage Range
Vdc
Vdc
Input Voltage 48V
%
Efficiency
VTM01C48
VTM03C48
Unit
MODEL/CHANNEL
VTM01C24
VTM04D
VTM04C48
VTM03C24
VTM04C24
Input Voltage Range
Vdc
Vdc
Input Voltage 24V
%
Efficiency
H
MTBF
H
MTBF
H
MTBF
0 to +50℃
-20 to +85°C
5-10Hz: 10mm double amplitude, 10-55Hz: 19.6m/s^2, 20 minutes
period for 60 minutes each along X, Y, Z axes(non-operating)
294m/s2
Convection
80W×118L×25H/250g
42 Fix
DC 24V
DC 19-32V
62
660,000
DC 48V
DC 38-63V
62
660,000
DC 110V
DC 85-140V
62
690,000
85%RH(non-condensing)
Primary-Secondary AC1,500V for 1 minute (Vin=110 2000)
Primary-Frame Ground AC1,500V for 1 minute (Vin=110 2000)
Secondary-Frame Ground AC500V for 1 minute
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V
insulation tester
V1: automatic recovery V2, V3: short circuit for short time
by internal fuse (Vin=110 by internal bridge diode)
-
Switching Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com