Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMIPEPS952D1801 Datasheet(PDF) 3 Page - Schneider Electric

Part # HMIPEPS952D1801
Description  Multi touch screen, Harmony iPC, Enclosed PC Performance SSD W19 DC Windows 10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMIPEPS952D1801 Datasheet(HTML) 3 Page - Schneider Electric

  HMIPEPS952D1801 Datasheet HTML 1Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 2Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 3Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 4Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 5Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 6Page - Schneider Electric HMIPEPS952D1801 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Package 1 width
12.20 in (31 cm)
Package 1 Length
19.21 in (48.8 cm)
Unit Type of Package 2
CAR
Number of Units in Package 2
1
Package 2 Weight
20.06 lb(US) (9.1 kg)
Package 2 Height
20.87 in (53 cm)
Package 2 width
6.30 in (16 cm)
Package 2 Length
26.97 in (68.5 cm)
Unit Type of Package 3
P12
Number of Units in Package 3
2
Package 3 Weight
39.68 lb(US) (18.0 kg)
Package 3 Height
12.99 in (33 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
47.24 in (120 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
May 6, 2022
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com