Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP8500 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 28Page - National Semiconductor (TI) DP8500 Datasheet HTML 29Page - National Semiconductor (TI) DP8500 Datasheet HTML 30Page - National Semiconductor (TI) DP8500 Datasheet HTML 31Page - National Semiconductor (TI) DP8500 Datasheet HTML 32Page - National Semiconductor (TI) DP8500 Datasheet HTML 33Page - National Semiconductor (TI) DP8500 Datasheet HTML 34Page - National Semiconductor (TI) DP8500 Datasheet HTML 35Page - National Semiconductor (TI) DP8500 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
80 RAS and CAS Configuration Modes
The DP8520A21A22A allow the user to configure the
VRAM array to contain one two or four banks of VRAM
Depending on the functions used certain considerations
must be used when determining how to set up the VRAM
array Programming address bits C4 C5 and C6 along with
bank selects B0 – 1 and CAS enables ECAS0 – 1 deter-
mine which RAS or group of RASs and which CAS or group
of CASs will be asserted during an access Different memo-
ry schemes are described The DP8520A21A22A is spec-
ified driving a heavy load of 72 VRAMs representing four
banks of VRAM with 16-bit words and 2 parity bits The
DP8520A21A22A can drive more than 72 VRAMs but the
AC timing must be increased Since the RAS and CAS out-
puts are configurable all RAS and CAS outputs should be
used for the maximum amount of drive
81 BYTE WRITING
By selecting a configuration in which all CAS outputs are
selected during an access each ECAS input enables a pair
of CAS outputs to select a byte in a word size of up to 16
bits In this case the RAS outputs are used to select which
of up to 4 banks is to be used as shown in
Figures 36 and
37 The user can also configure the VRAM array into an 8
bank system as shown in
Figure 38 This setup can be used
along with byte writing for an 8-bit system if the LOW BYTE
and HIGH BYTE are connected to ECAS0 and ECAS1 re-
spectively The user can connect upper address bits to
ECAS01 for use in an 8 bank – 16-bit system but cannot
use byte writing in this case
TLF9338 – 88
FIGURE 36 VRAM Array Setup for 16-Bit System (C6 C5 C4 e 1 1 0 during Programming)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com