Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD4200 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 18Page - Analog Devices ADPD4200 Datasheet HTML 19Page - Analog Devices ADPD4200 Datasheet HTML 20Page - Analog Devices ADPD4200 Datasheet HTML 21Page - Analog Devices ADPD4200 Datasheet HTML 22Page - Analog Devices ADPD4200 Datasheet HTML 23Page - Analog Devices ADPD4200 Datasheet HTML 24Page - Analog Devices ADPD4200 Datasheet HTML 25Page - Analog Devices ADPD4200 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Data Sheet
ADPD4200
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 93
EXECUTION MODES
A state machine in the low frequency oscillator clock domain
controls sleep times, wake-up cycles, and the start of time slot
operations. The low frequency oscillator serves as the time base
for all time slot operations, controls the sample rates, and clocks
the low frequency state machine. This state machine controls all
operations and is controlled by the OP_MODE bit.
Table 14. OP_MODE Bit Setting Descriptions
OP_MODE Setting
Mode
Description
0
Standby
All operations stopped. Time slot ac-
tions reset. Low power standby state.
1
Go
Transitioning to this state from standby
mode starts time slot operation.
At power-up and following any subsequent reset operations, the
ADPD4200 is in standby mode. The user can write 0 to the
OP_MODE bit to immediately stop operations and return to standby
mode.
Register writes that affect operating modes cannot occur during
go mode. The user must enter standby mode before changing the
control registers. Standby mode resets the digital portion of the
ADC, all of the pulse generators, and the state machine.
When OP_MODE is set to 1, the device immediately starts the first
wake-up sequence and time slot operations unless using an exter-
nal synchronization trigger. If using an external synchronization
trigger, the device enters the sleep state before the first wake-up
and time slot regions begin.
HOST INTERFACE
The ADPD4200 provides a SPI to communicate with the host.
The device also provides numerous FIFO, data register, error, and
threshold status bits, each of which can be provided by an interrupt
function from a GPIOx, read from status registers, or appended as
optional status bytes at the end of a FIFO packet.
Interrupt Status Bits
Data Register Interrupts
The data interrupt status bits, INT_DATA_x for each time slot, are
set every time that the data registers for each time slot are updated.
The state of the HOLD_REGS_x bit has no effect on the interrupt
logic.
FIFO Threshold Interrupt
The FIFO threshold interrupt status bit, INT_FIFO_TH, is set when
the number of bytes in the FIFO exceeds the value stored in the
FIFO_TH register. The INT_FIFO_TH bit is cleared automatically
when a FIFO read reduces the number of bytes below the value in
the FIFO_TH register, which allows the user to set an appropriate
data size for their host needs.
Level Interrupts
Two level interrupt status bits, INT_LEV0_x and INT_LEV1_x, pro-
vide an interrupt when the dark data or signal data values cross
greater than or less than a programmed threshold level.
Two comparison circuits are available per time slot. The
INT_LEV0_x or INT_LEV1_x status bits are set when the da-
ta register update meets the criteria set by the associated
THRESH0_TYPE_x, THRESH0_DIR_x, THRESH0_CHAN_x set-
tings, or by the associated THRESH1_TYPE_x, THRESH1_DIR_x,
and THRESH1_CHAN_x settings.
The Level 0 interrupt operates as follows. The user sets an
8-bit threshold value in the THRESH0_VALUE_x bit field for the
corresponding time slot. This value is then shifted to the left
by anywhere from 0 bits to 24 bits, specified by the setting of
the THRESH0_SHIFT_x bit field. A comparison is then made be-
tween the shifted threshold value and the register chosen by the
THRESH0_TYPE_x bit field and the THRESH0_CHAN_x bit. The
INT_LEV0_x status bit is set if the selected data register meets the
criteria set in the THRESH0_DIR_x bit field. The Level 1 interrupt
operates in the same fashion.
Clearing Interrupt Status Bits
All status bits are set regardless of whether the status bit is routed
to one of the interrupt outputs, Interrupt X or Interrupt Y. The status
bits are independent of the interrupt enable bits. The status bits are
always set by the corresponding event. The interrupt bits stay set
until they are either manually or automatically cleared.
The user can manually clear a given interrupt by writing a 1 to
the matching interrupt status bit. In addition, the data interrupt
status bits can be configured to clear automatically. When the
INT_ACLEAR_DATA_x or INT_ACLEAR_FIFO bit is set, the appro-
priate interrupt status bit is automatically cleared when any match-
ing data register or FIFO register is read. Automatic clearing of
the interrupt status bits removes the need to manually clear these
interrupts.
Optional Status Bytes
There is an option to append each data packet with status bits. This
option is useful for hosts that cannot spare an interrupt channel
to service. The status bytes can each be individually selected
in the FIFO_STATUS_BYTES register. Each bit in the FIFO_ STA-
TUS_BYTES register enables a status byte that is appended to the
data packet in the FIFO. If any bit in the FIFO_STATUS_ BYTES
register is set to 1, the byte that is appended to the data packet
contains the status bits, as shown in Table 15. Table 15 shows the
order, enable bit, and contents of each status byte.
The 4-bit sequence number cycles from 0 to 15 and is incremented
with a wraparound every time the time slot sequence completes.
This sequence number can also be made available bitwise on the
GPIOx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com