Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC23451 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 1 Page - Microchip Technology

  MIC23451 Datasheet HTML 1Page - Microchip Technology MIC23451 Datasheet HTML 2Page - Microchip Technology MIC23451 Datasheet HTML 3Page - Microchip Technology MIC23451 Datasheet HTML 4Page - Microchip Technology MIC23451 Datasheet HTML 5Page - Microchip Technology MIC23451 Datasheet HTML 6Page - Microchip Technology MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 1
MIC23451
Features
• 2.7V to 5.5V Input Voltage
• Three Independent 2A Outputs
• Up to 93% Peak Efficiency
• 81% Typical Efficiency at 1 mA
• Three Independent Power Good Indicators
• 24 µA Typical Quiescent Current (per Channel)
• 3 MHz PWM Operation in Continuous Mode
• Ultra-Fast Transient Response
• Low Voltage Output Ripple
- 30 mVPP Ripple in HyperLight Load Mode
- 5 mV Output Voltage Ripple in Full PWM
Mode
• Fully Integrated MOSFET Switches
• 0.1 µA Shutdown Current (per Channel)
• Thermal Shutdown and Current-Limit Protection
• Output Voltage as Low as 1V
• 26-Lead 4 mm × 4 mm FQFN
• –40°C to +125°C Junction Temperature Range
Applications
• Solid State Drives (SSD)
• µC/µP, FPGA, and DSP Power
• Test and Measurement Systems
• Set-Top Boxes and DTV
• High-Performance Servers
• Security/Surveillance Cameras
• 5V POL Applications
General Description
The MIC23451 is a high-efficiency, 3 MHz, triple 2A,
synchronous buck regulator with HyperLight Load®
mode. HyperLight Load provides very high efficiency at
light loads and ultra-fast transient response, which is
ideal for supplying processor core voltages. An
additional benefit of this proprietary architecture is very
low output ripple voltage throughout the entire load
range with the use of small output capacitors. The
4 mm x 4 mm FQFN package saves board space and
requires only five external components for each
channel.
The MIC23451 is designed for use with a very small
inductor, down to 0.47 µH, and an output capacitor as
small as 2.2 µF that enables a total solution size that is
less than 1 mm height.
The MIC23451 has a very low quiescent current of
24 µA each channel and achieves as high as 81%
efficiency at 1 mA. At higher loads, the MIC23451
provides a constant switching frequency around 3 MHz
while achieving peak efficiencies up to 93%.
The MIC23451 is available in a 26-lead 4 mm x 4 mm
FQFN package with an operating junction temperature
range from –40°C to +125°C.
Package Type
MIC23451
26-Lead 4 mm x 4 mm FQFN (FL)
(Top View)
6
26
13
12
11
10
9
8
2
3
4
5
6
7
PG3
SNS3
AGND
PGND
AVIN3
PVIN3
1
21
EN1
2
22
SNS1
3
23
FB1
4
24
AGND
25
PVIN1
SW1
19
18
17
16
15
14
EP1
1
EP2
20
3 MHz, 2A Triple Synchronous Buck Regulator with
HyperLight Load® and Power Good


Similar Part No. - MIC23451

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
MIC23451-AAAYFL MICREL-MIC23451-AAAYFL Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
logo
Cirrus Logic
MIC23451-AAAYFL-EV APEX-MIC23451-AAAYFL-EV Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - MIC23451

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23163 MICREL-MIC23163 Datasheet
1Mb / 19P
4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com