Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5396 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5396 Datasheet HTML 1Page - Microchip Technology MIC5396 Datasheet HTML 2Page - Microchip Technology MIC5396 Datasheet HTML 3Page - Microchip Technology MIC5396 Datasheet HTML 4Page - Microchip Technology MIC5396 Datasheet HTML 5Page - Microchip Technology MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 5
MIC5396/7/8/9
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Output Voltage vs. Input
Voltage.
FIGURE 2-3:
Output Voltage vs. Output
Current.
FIGURE 2-4:
Ground Current vs. Input
Voltage.
FIGURE 2-5:
Ground Current vs. Output
Current.
FIGURE 2-6:
Ground Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10
100
1K
10K
100K
1M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
0
300 mA
100 μA
150 mA
VIN = 2.8V
VOUT = 1.8V
COUT = 1 μF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
LDO2 – 300 μA
LDO2 – 100 μA
LDO1 – 100 μA
VOUT1 = 1.8V
VOUT2 = 2.8V
CIN = COUT = 1 μF
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VIN1 = VEN2 = VOUT2 + 1V
VOUT2 = 2.8V
CIN = COUT = 1 μF
0
10
20
30
40
50
60
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
100 μA
300 mA
VOUT = 2.8V
CIN = COUT = 1 μF
150 mA
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
DUAL OUTPUT
SINGLE OUTPUT
VEN = 3.8V
VIN = 3.8V
VOUT = 2.8V
CIN = COUT = 1 μF
0
10
20
30
40
50
60
70
80
90
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DUAL OUTPUT
SINGLE OUTPUT
VIN = VEN = 3.8V
VOUT = 2.8V
CIN = COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com