Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC79050-4.2YS Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC79050-4.2YS
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050-4.2YS Datasheet(HTML) 4 Page - Microchip Technology

  MIC79050-4.2YS Datasheet HTML 1Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 2Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 3Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 4Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 5Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 6Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 7Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 8Page - Microchip Technology MIC79050-4.2YS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC79050
DS20005771B-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
Enable Input Current
IENL
—
0.01
–1
µA
VENL ≤ 0.4V (shutdown)
—
0.01
–2
VENL ≤ 0.18V (shutdown)
—
IENH
—
5
20
µA
VENH ≥ 2.0V (enabled)
—
—
25
Note 1: Battery voltage temperature coefficient is the worst case voltage change divided by the total temperature
range.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 100 μA to 500 mA. Changes in output voltage due to heat-
ing effects are covered by the thermal regulation specification.
3: Dropout voltage is defined as the input to battery output differential at which the battery voltage drops 2%
below its nominal value measured at 1V differential.
4: Ground pin current is the charger quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
5: VEN is the voltage externally applied to devices with the EN (enable) input pin. MSOP-8 (MM) and SOIC-8
(M) packages only.
6: Thermal regulation is the change in battery voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 500 mA load pulse at VIN = 16V
for t = 10 ms.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VBAT + 1.0V; COUT = 4.7 μF, IOUT = 100 μA; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com