Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP7940NT-I/SN Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP7940NT-I/SN
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-I/SN Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP7940NT-I/SN Datasheet HTML 26Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 27Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 28Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 29Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 30Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 31Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 32Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 33Page - Microchip Technology MCP7940NT-I/SN Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
MCP7940N
DS20005010J-page 30
 2011-2022 Microchip Technology Inc. and its subsidiares
5.6.1
CALIBRATION
In order to perform calibration, the number of error
clock pulses per minute must be found and the corre-
sponding
trim
value
must
be
loaded
into
TRIMVAL<6:0>.
There are two methods for determining the trim value.
The first method involves measuring an output fre-
quency directly and calculating the deviation from ideal.
The second method involves observing the number of
seconds gained or lost over a period of time.
Once the OSCTRIM register has been loaded, digital
trimming will automatically occur every minute.
5.6.1.1
Calibration by Measuring Frequency
To calibrate the MCP7940N by measuring the output
frequency, perform the following steps:
1.
Enable the crystal oscillator or external clock
input by setting the ST bit or EXTOSC bit,
respectively.
2.
Ensure TRIMVAL<6:0> is reset to 0x00.
3.
Select
an
output
frequency
by
setting
SQWFS<1:0>.
4.
Set SQWEN to enable the square wave output.
5.
Measure the resulting output frequency using a
calibrated measurement tool, such as a
frequency counter.
6.
Calculate the number of error clocks per minute
(see Equation 5-2).
EQUATION 5-2:
CALCULATING TRIM
VALUE FROM MEASURED
FREQUENCY
• If the number of error clocks per minute is
negative, then the oscillator is faster than
ideal and the SIGN bit must be cleared.
• If the number of error clocks per minute is
positive, then the oscillator is slower than
ideal and the SIGN bit must be set.
7.
Load the correct value into TRIMVAL<6:0>.
5.6.1.2
Calibration by Observing Time
Deviation
To calibrate the MCP7940N by observing the deviation
over time, perform the following steps:
1.
Ensure TRIMVAL<6:0> is reset to 0x00.
2.
Load the timekeeping registers to synchronize
the MCP7940N with a known-accurate refer-
ence time.
3.
Enable the crystal oscillator or external clock
input by setting the ST bit or EXTOSC bit,
respectively.
4.
Observe how many seconds are gained or lost
over a period of time (larger time periods offer
more accuracy).
5.
Calculate the PPM deviation (see Equation 5-3).
EQUATION 5-3:
CALCULATING ERROR
PPM
• If the MCP7940N has gained time relative to
the reference clock, then the oscillator is
faster than ideal and the SIGN bit must be
cleared.
• If the MCP7940N has lost time relative to the
reference clock, then the oscillator is slower
than ideal and the SIGN bit must be set.
6.
Calculate the trim value (see Equation 5-4).
EQUATION 5-4:
CALCULATING TRIM
VALUE FROM ERROR
PPM
7.
Load the correct value into TRIMVAL<6:0>.
Note:
Using a lower output frequency and/or
averaging the measured frequency over a
number of clock pulses will reduce the
effects of jitter and improve accuracy.
TRIMVAL<6:0>
FIDEAL FMEAS
–
 32768
FIDEAL
------------------- 60

2
---------------------------------------------------------------------------------
=
Where:
FIDEAL
Ideal frequency based on SQWFS<1:0>
=
FMEAS
Measured frequency
=
Note 1: Choosing a longer time period for observ-
ing deviation will improve accuracy.
2: Large temperature variations during the
observation period can skew results.
PPM
SecDeviation
ExpectedSec
----------------------------------- 1000000
=
Where:
ExpectedSec
Number of seconds in chosen period
=
SecDeviation
Number of seconds gained or lost
=
TRIMVAL<6:0>
PPM 32768 60

1000000 2
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com