Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79510-I/MS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP79510-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79510-I/MS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP79510-I/MS Datasheet HTML 20Page - Microchip Technology MCP79510-I/MS Datasheet HTML 21Page - Microchip Technology MCP79510-I/MS Datasheet HTML 22Page - Microchip Technology MCP79510-I/MS Datasheet HTML 23Page - Microchip Technology MCP79510-I/MS Datasheet HTML 24Page - Microchip Technology MCP79510-I/MS Datasheet HTML 25Page - Microchip Technology MCP79510-I/MS Datasheet HTML 26Page - Microchip Technology MCP79510-I/MS Datasheet HTML 27Page - Microchip Technology MCP79510-I/MS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 24
 2012-2022 Microchip Technology Inc.and its subsidiaries
REGISTER 5-9:
ALM1HSEC: ALARM 1 HUNDREDTHS OF SECONDS VALUE REGISTER
(ADDRESS 0x12)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
HSECTEN3
HSECTEN2
HSECTEN1 HSECTEN0 HSECONE3 HSECONE2
HSECONE1 HSECONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-4
HSECTEN<3:0>: Binary-Coded Decimal Value of Hundredth of Second’s Tens Digit
Contains a value from 0 to 9
bit 3-0
HSECONE<3:0>: Binary-Coded Decimal Value of Hundredth of Second’s Ones Digit
Contains a value from 0 to 9
Note 1: Hundredth of seconds matching is only available on Alarm 1.
REGISTER 5-10:
ALMxSEC: ALARM 0/1 SECONDS VALUE REGISTER (ADDRESSES 0x0C/0x13)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
SECTEN<2:0>: Binary-Coded Decimal Value of Second’s Tens Digit
Contains a value from 0 to 5
bit 3-0
SECONE<3:0>: Binary-Coded Decimal Value of Second’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com