| Electronic Components Datasheet Search |
|
MCP7940NT-I/ST Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940NT-I/ST Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 58 page ![]() MCP7940N DS20005010J-page 8 2011-2022 Microchip Technology Inc. and its subsidiares 3.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE 3.1 Serial Data (SDA) This is a bidirectional pin used to transfer addresses and data into and out of the device. It is an open-drain terminal. Therefore, the SDA bus requires a pull-up resistor to VCC (typically 10 k for 100 kHz, 2 kfor 400 kHz). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the Start and Stop conditions. 3.2 Serial Clock (SCL) This input is used to synchronize the data transfer to and from the device. 3.3 Oscillator Input/Output (X1, X2) These pins are used as the connections for an external 32.768 kHz quartz crystal and load capacitors. X1 is the crystal oscillator input and X2 is the output. The MCP7940N is designed to allow for the use of external load capacitors in order to provide additional flexibility when choosing external crystals. The MCP7940N is optimized for crystals with a specified load capacitance of 6-9 pF. X1 also serves as the external clock input when the MCP7940N is configured to use an external oscillator. 3.4 Multifunction Pin (MFP) This is an output pin used for the alarm and square wave output functions. It can also serve as a general purpose output pin by controlling the OUT bit in the CONTROL register. The MFP is an open-drain output and requires a pull-up resistor to Vcc (typically 10 k ). This pin may be left floating if not used. 3.5 Backup Supply (VBAT) This is the input for a backup supply to maintain the RTCC and SRAM registers during the time when VCC is unavailable. If the battery backup feature is not being used, the VBAT pin should be connected to VSS. Name MSOP PDIP SOIC TDFN TSSOP Function X1 11111 Quartz Crystal Input, External Oscillator Input X2 22222 Quartz Crystal Output VBAT 33333 Battery Backup Supply Input Vss 44444 Ground SDA 55555 Bidirectional Serial Data (I2C) SCL 66666 Serial Clock (I2C) MFP 77777 Multifunction Pin Vcc 88888 Primary Power Supply Note: Exposed pad on TFDN can be connected to Vss or left floating. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |