Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79512-I/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP79512-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79512-I/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP79512-I/MS Datasheet HTML 18Page - Microchip Technology MCP79512-I/MS Datasheet HTML 19Page - Microchip Technology MCP79512-I/MS Datasheet HTML 20Page - Microchip Technology MCP79512-I/MS Datasheet HTML 21Page - Microchip Technology MCP79512-I/MS Datasheet HTML 22Page - Microchip Technology MCP79512-I/MS Datasheet HTML 23Page - Microchip Technology MCP79512-I/MS Datasheet HTML 24Page - Microchip Technology MCP79512-I/MS Datasheet HTML 25Page - Microchip Technology MCP79512-I/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 22
 2012-2022 Microchip Technology Inc.and its subsidiaries
5.4
Alarms
The MCP795XX features two independent alarms.
Each alarm can be used to either generate an interrupt
at a specific time in the future, or to generate a periodic
interrupt every second (Alarm 1 only), minute, hour,
day, day of week, or month.
There is a separate interrupt flag, ALMxIF, for each
alarm. The interrupt flags are set by hardware when the
chosen alarm mask condition matches (Table 5-5 and
Table 5-6). The interrupt flags must be cleared in
software.
For alarm outputs to function, the Square Wave Output
function must be disabled. Each of the two independent
alarm signals are assigned to the MFP pin where either
can pull it low. The pin will stay low until both the alarm
flags are cleared. The alarm output to the MFP pin is
available while operating from the backup supply.
All time and date values are stored in the registers as
binary-coded decimal (BCD) values.
TABLE 5-5:
ALARM 0 MASKS
TABLE 5-6:
ALARM 1 MASKS
Note:
Throughout this section, references to the
register and bit names for the alarm
modules are referred to generically by the
use of ‘x’ in place of the specific module
number. Thus, “ALMxSEC” might refer to
the seconds register for Alarm 0 or
Alarm 1.
ALM0MSK<2:0>
Alarm 0 Asserts on Match of
000
Seconds
001
Minutes
010
Hours
011
Day of Week
100
Date
101
Reserved
110
Reserved
111
Seconds, Minutes, Hours, Day of
Week, Date, and Month
ALM1MSK<2:0>
Alarm 1 Asserts on Match of
000
Seconds
001
Minutes
010
Hours
011
Day of Week
100
Date
101
Hundredth of Seconds
110
Reserved
111
Seconds, Minutes, Hours, Day of
Week and Date
Note 1: The alarm interrupt flags must be cleared
by the user.
2: Loading invalid values into the alarm
registers
will
result
in
undefined
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com