Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79522-I/MS Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP79522-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522-I/MS Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP79522-I/MS Datasheet HTML 50Page - Microchip Technology MCP79522-I/MS Datasheet HTML 51Page - Microchip Technology MCP79522-I/MS Datasheet HTML 52Page - Microchip Technology MCP79522-I/MS Datasheet HTML 53Page - Microchip Technology MCP79522-I/MS Datasheet HTML 54Page - Microchip Technology MCP79522-I/MS Datasheet HTML 55Page - Microchip Technology MCP79522-I/MS Datasheet HTML 56Page - Microchip Technology MCP79522-I/MS Datasheet HTML 57Page - Microchip Technology MCP79522-I/MS Datasheet HTML 58Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiares
DS20002300D-page 55
MCP7951X/MCP7952X
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below
.
PART NO.
/XX
Package
Temperature
Range
Device
Device:
MCP795 = 3V SPI Serial RTCC with Battery Switchover
Memory:
1
= 1-Kbit EEPROM, 64-Byte SRAM
2
= 2-Kbit EEPROM, 64-Byte SRAM
ID/MAC
Address:
0
= Blank
1
= Preprogrammed EUI-48™ address
2
= Preprogrammed EUI-64™ address
Tape & Reel
Option(1):
Blank = Tube
T
= Tape & Reel
Temperature
Range:
I= -40
C to +85C
Package:
MS
= 10-Lead Plastic Small Outline
MN
= 10-Lead Thin Plastic Dual Flat
(3x3x0.8 mm body)
Examples:
a)
MCP79510-I/MS:
1-Kbit
EEPROM,
Industrial Temperature, MSOP Package.
b)
MCP79511T-I/MN:
1-Kbit
EEPROM,
EUI-48™, Tape and Reel, Industrial
Temperature, TDFN Package.
c)
MCP79512-I/MS:
1-Kbit
EEPROM,
Preprogrammed
EUI-64™
address,
Industrial Temperature, MSOP Package.
d)
MCP79520-I/MS:
2-Kbit
EEPROM,
Industrial Temperature, MSOP Package.
e)
MCP79521T-I/MN:
2-Kbit
EEPROM,
EUI-48™, Tape and Reel, Industrial
Temperature, TDFN Package.
f)
MCP79522-I/MS:
2-Kbit
EEPROM,
EUI-64™, Industrial Temperature, MSOP
Package.
X
Memory
Unique ID Tape & Reel
–
X
[X](1)
X
Option
Note 1: Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used
for ordering purposes and is not
printed on the device package.
Check with your Microchip Sales
Office for package availability with
the Tape and Reel option.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com