Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK4361D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4361D
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4361D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4361D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4361D Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
1
REFOUT
13 E/A -
25 N/C
37 BØ
2
HALL A
14 GND
26 LGND
38 BV+
3
HALL B
15 +Current Command
27 RTN
39 AVS
4
HALL C
16 -Current Command
28 RTN
40 AVS
5
60 /120
17 +15 VIN
29 CVS
41 AØ
6
BRAKE
18 Current Monitor Out
30 CVS
42 AØ
7
CLOCK SYNC 19 -15 VIN
31 CØ
43 AV+
8
DIS
20 NC
32 CØ
9
GND
21 NC
33 CV+
10 NC
22 NC
34 BVS
11 NC
23 GND
35 BVS
12 E/A OUT
24 NC
36 BØ
75 Volt Motor Supply Voltage
30 Amp Output Switch Capability
100% Duty Cycle High Side Conduction Capable
Shoot-Through/Cross Conduction Protection
Hall Sensing and Commutation Circuitry on Board
"Real" Four Quadrant Torque Control Capability
Good Accuracy Around the Null Torque Point
Isolated Package Design for High Voltage Isolation Plus Good Thermal Transfer
60°/ 120º Phasing Selectable
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
4361
30 AMP, 75V, 3 PHASE
MOSFET BRUSHLESS
MOTOR CONTROLLER
BLOCK DIAGRAM
DESCRIPTION:
The MSK 4361 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in a convenient isolated
hermetic package. The hybrid is capable of 30 amps of output current and 75 volts of DC bus voltage. It has the
normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation
circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control.
When PWM'ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most
bandwidth. Provisions for applying different compensation schemes are included. The MSK 4361 has good thermal
conductivity of the MOSFET's due to isolated package design that allows direct heat sinking of the hybrid without
insulators.
FEATURES:
Rev. E 2/05
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control
Servo Control
Fin Actuator Control
Gimbal Control
AZ-EL Control
PIN-OUT INFORMATION
MIL-PRF-38534 CERTIFIED
ISO 9001 CERTIFIED BY DSCC


Similar Part No. - MSK4361D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4361 MSK-MSK4361_15 Datasheet
816Kb / 8P
75 Volt Motor Supply Voltage
More results

Similar Description - MSK4361D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4362 ETC-MSK4362 Datasheet
512Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362HU MSK-MSK4362HU Datasheet
409Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com