Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUCC32FU Datasheet(PDF) 1 Page - Schneider Electric

Part # LUCC32FU
Description  Advanced control unit, TeSys Ultra, 8A to 32A, 1P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUCC32FU Datasheet(HTML) 1 Page - Schneider Electric

  LUCC32FU Datasheet HTML 1Page - Schneider Electric LUCC32FU Datasheet HTML 2Page - Schneider Electric LUCC32FU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Advanced control unit, TeSys
Ultra, 8A to 32A, 1P motors,
protection & diagnostic, class 10,
coil 110-240VAC/DC
LUCC32FU
Product availability : Stock - Normally stocked in distribution
facility
Price* : 150.00 USD
Main
Range
TeSys
Range of Product
TeSys Ultra
Product name
TeSys Ultra
Device short name
LUCC
Product or Component Type
Advanced control unit
Device Application
Motor control
Motor protection
Product Specific Application
Basic protection and advanced functions, communication
Main function available
Protection against overload and short-circuit
Protection against phase failure and phase imbalance
Manual reset
Earth fault protection
Product compatibility
Power base LUB32
Power base LUB38
Power base LUB320
Power base LUB380
Reversing contactor breaker LU2B32FU
Reversing contactor breaker LU2B38FU
[Ue] rated operational voltage
690 V AC
Network frequency
40...60 Hz
Load type
Single-phase motor
Utilisation category
AC-44
AC-43
AC-41
Motor power kW
7.5 kW 400...440 V AC 50/60 Hz 1 phase
Rated motor current adjustment
range
8…32 A
Thermal overload class
Class 10 40…60 Hz -13…131 °F (-25…55 °C) IEC 60947-6-2
Class 10 40…60 Hz -13…131 °F (-25…55 °C) UL 508
Tripping threshold
14.2 x Ir +/- 20 %
[Uc] control circuit voltage
110...240 V AC
110...220 V DC
Complementary
Control circuit voltage limits
88...264 V AC 110...240 V in operation
88...242 V DC 110...220 V in operation
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 10, 2022
1


Similar Part No. - LUCC32FU

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUCC32BL SCHNEIDER-LUCC32BL Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 1P motors, protection & diagnostic, class 10, coil 24VDC
May 10, 2022
More results

Similar Description - LUCC32FU

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUCB32B SCHNEIDER-LUCB32B Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 24VAC
May 10, 2022
LUCB32BL SCHNEIDER-LUCB32BL Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 24VDC
May 10, 2022
LUCB32FU SCHNEIDER-LUCB32FU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
May 10, 2022
LUCC05FU SCHNEIDER-LUCC05FU Datasheet
119Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 1P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
May 10, 2022
LUCC1XFU SCHNEIDER-LUCC1XFU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 0.35A to 1.4A, 1P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
May 10, 2022
LUCB32ES SCHNEIDER-LUCB32ES Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 48-72VAC/ DC
May 11, 2022
LUCC12FU SCHNEIDER-LUCC12FU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 3A to 12A, 1P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
May 10, 2022
LUCC18FU SCHNEIDER-LUCC18FU Datasheet
127Kb / 3P
Advanced control unit, TeSys Ultra, 4.5A to 18A, 1P motors, protection & diagnostic, class 10, coil 110-240VAC/DC
May 10, 2022
LUCC32BL SCHNEIDER-LUCC32BL Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 1P motors, protection & diagnostic, class 10, coil 24VDC
May 10, 2022
LUCD32FU SCHNEIDER-LUCD32FU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 20, coil 110-240VAC/DC
May 10, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com