Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5010-3.3HTD Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5010-3.3HTD
Description  HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-3.3HTD Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5010-3.3HTD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-3.3HTD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-3.3HTD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-3.3HTD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-3.3HTD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5010
SERIES
ISO-9001 CERTIFIED BY DSCC
HIGH CURRENT,
SUPER LOW DROPOUT
FIXED VOLTAGE REGULATORS
Extremely Low Dropout Voltage 0.45V @ 10 Amps
Available in 3.3V, 5.0V and 12.0V versions
Output Voltages Are Internally Set to ±1.5% maximum
TTL Level Enable Pin
Electrically Isolated Case
Low Quiescent Current
Output Current to 10 Amps
Available in Two Package Styles
Available with Three Lead Form Options
TYPICAL APPLICATIONS
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 5010 series voltage regulators are available in a +3.3V, +5.0V or +12.0V fixed output configuration.
All three boast ultra low dropout specifications due to the utilization of a MOSFET output pass transistor with
extremely low Rds(on). Dropout voltages of 0.45V at 10 amps are typical, in this configuration, which drives
efficiency up and power dissipation down. Accuracy is guaranteed with a 1.5% maximum initial output voltage
tolerance that varies only ±2% with temperature. The MSK 5010 series is packaged in a space efficient 5 pin SIP
that is electrically isolated from the internal circuitry allowing direct heat sinking for maximum heat dissipation.
1
Rev. H 10/02
System Power Supplies
Switching Power Supply Post Regulators


Similar Part No. - MSK5010-3.3HTD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5010-3.3BTD ANAREN-MSK5010-3.3BTD Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-3.3BTS ANAREN-MSK5010-3.3BTS Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-3.3BTU ANAREN-MSK5010-3.3BTU Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - MSK5010-3.3HTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5020-3.3B MSK-MSK5020-3.3B Datasheet
268Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com