Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDM1053FCT5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # ESDM1053FCT5G
Description  ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM1053FCT5G Datasheet(HTML) 4 Page - ON Semiconductor

  ESDM1053FCT5G Datasheet HTML 1Page - ON Semiconductor ESDM1053FCT5G Datasheet HTML 2Page - ON Semiconductor ESDM1053FCT5G Datasheet HTML 3Page - ON Semiconductor ESDM1053FCT5G Datasheet HTML 4Page - ON Semiconductor ESDM1053FCT5G Datasheet HTML 5Page - ON Semiconductor ESDM1053FCT5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ESDM1053
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Breakdown Voltage
Figure 8. Reverse Leakage Current
VR (V)
VR (V)
8
6
2
0
−2
−4
−6
−10
1E−02
8
6
2
0
−2
−4
−6
−10
Figure 9. Line Capacitance, f = 1 MHz
VBIAS (V)
−5
−6
0
3
5
7
8
10
1E−07
1E−08
1E−03
1E−04
1E−05
1E−06
1E−12
1E−09
1E−10
1E−11
1E−02
1E−07
1E−08
1E−03
1E−04
1E−05
1E−06
1E−12
1E−09
1E−10
1E−11
10
−2
Figure 10. Insertion Loss
FREQUENCY (Hz)
1E+09
1E+07
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0
1E+08
−5.0
−4.5
−4.0
−3.5
6
2
1
−4 −3
−12
01
6
45
−84
4
−8
4
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com