Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB15201 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB15201 Datasheet HTML 8Page - ON Semiconductor FUSB15201 Datasheet HTML 9Page - ON Semiconductor FUSB15201 Datasheet HTML 10Page - ON Semiconductor FUSB15201 Datasheet HTML 11Page - ON Semiconductor FUSB15201 Datasheet HTML 12Page - ON Semiconductor FUSB15201 Datasheet HTML 13Page - ON Semiconductor FUSB15201 Datasheet HTML 14Page - ON Semiconductor FUSB15201 Datasheet HTML 15Page - ON Semiconductor FUSB15201 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
FUSB15201
www.onsemi.com
12
Power and Sleep Behavior
The FUSB15201 has been optimized to conserve power
by utilizing peripheral interrupts and hardware autonomy.
The device can be configured via firmware to enter low
power states, disable unneeded peripherals and scale clock
frequencies based on different application needs.
The Type−C block is designed to function at the lowest
power states and will automatically wake when a Type−C
attach is detected. This minimizes total power consumption
when no device is attached.
Clock Sources
FUSB15201’s implements a dual oscillator architecture
to minimize power consumption.
• A 24 MHz internal RC oscillator to enable full
functionality.
• A 120 kHz internal RC oscillator that can be used for very
low power sleep modes.
TIMERS
32−bit General Purpose Timers (TIM0/1)
There are two 32−bit down−counters that generate
interrupts and status when the counter reaches 0. The timing
resolution depends on the programmable clock source and
pre−scale ratios.
32−bit Wake−up Timer (WUT)
The main purpose of the wakeup timer is to facilitate
scheduled exit from low power modes. It can also be used
for general purpose event timing.
32−bit Watchdog Timer (WDT)
The watchdog timer applies a reset to the system in the
event of a software failure, providing a way to recover
from software crashes. The watchdog timer is disabled
by default and must be enabled through software.
The watchdog is protected with a lock mechanism
to prevent rogue software from disabling the watchdog
functionality. A special value has to be written to the lock
register to access watchdog control. The watchdog timer is
clocked from the same oscillator as the core, which can be
LS_CLK or HS_CLK.
Serial Wire Debug Interface (SWD)
The Arm M0+ implementation includes a Debug Access
Port (DAP). The debug mode implementation includes
4 hardware breakpoints and 2 hardware watch points.
The Debug Access Port interface implementation is
the Arm Serial Wire Debug Port (SW−DAP) connected
to Pins SWCLK and SWDIO. The Serial Wire Debug Port
Interface uses a single bi−directional data connection. Each
operation consists of three phases: Packet request,
Acknowledge response, and Data transfer phase. Use any
Serial Wire Debug (SWD) compliant hardware debugger
interface to interact with the internals of the FUSB15201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com