Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM3K72KFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K72KFS
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K72KFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K72KFS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 5Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 6Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 7Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 8Page - Toshiba Semiconductor SSM3K72KFS Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SSM3K72KFS
3
6. Electrical Characteristics
6.1. Static Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Gate leakage current
Drain cut-off current
Drain-source breakdown voltage
Gate threshold voltage
Drain-source on-resistance
Forward transfer admittance
(Note 1)
(Note 1)
Symbol
IGSS
IDSS
V(BR)DSS
Vth
RDS(ON)
|Yfs|
Test Condition
VDS = 0 V, VGS = ±16 V
VDS = 60 V, VGS = 0 V
ID = 250 µA, VGS = 0 V
VDS = VGS, ID = 250 µA
ID = 100 mA, VGS = 4.5 V
ID = 100 mA, VGS = 5.0 V
ID = 100 mA, VGS = 10 V
VDS = 10 V, ID = 200 mA
Min
60
1.1
Typ.
1.2
1.15
1.05
1
Max
±10
1
2.1
1.75
1.65
1.5
Unit
µA
V
S
Note 1: Pulse measurement.
6.2. Dynamic Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Input capacitance
Reverse transfer capacitance
Output capacitance
Switching time (rise time)
Switching time (turn-on delay time)
Switching time (fall time)
Switching time (turn-off delay time)
Symbol
Ciss
Crss
Coss
tr
td(on)
tf
td(off)
Test Condition
VDS = 10 V, VGS = 0 V,
f = 1 MHz
VDD = 30 V, ID = 200 mA,
VGS = 0 to 10 V, RG = 50 Ω
Duty ≤ 1%, VIN: tr, tf < 5 ns,
Common source
Min
Typ.
26
1.3
5.5
3.6
5.5
17
38
Max
40
11
90
Unit
pF
ns
6.3. Switching Time Test Circuit
Fig. 6.3.1
Switching Time Test Circuit
Fig. 6.3.2
Input Waveform/Output Waveform
6.4. Gate Charge Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Total gate charge (gate-source plus gate-drain)
Gate-source charge
Gate-drain charge
Symbol
Qg
Qgs
Qgd
Test Condition
VDD = 30 V, ID = 200 mA,
VGS = 4.5 V
Min
Typ.
0.39
0.2
0.11
Max
0.6
Unit
nC
2021-06-03
Rev.6.0
©2016-2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com