Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8581 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
27
Figure 21 DSP Mode B Timing Diagram - SAIF Receiver Input Data
The MSB of the output data changes on the same falling edge of BCLK as the low to high LRCLK
transition and may be sampled on the rising edge of BCLK. The right channel data is contiguous with
the left channel data.
Figure 22 DSP Mode B Timing Diagram – PAIF/SAIF Transmitter Data
AUDIO INTERFACE CONTROL
The register bits controlling the audio interfaces are summarized below. Dynamically changing the
audio data format may cause erroneous operation, and is not recommended.
Interface timing is such that the input data and LRCLK are sampled on the rising edge of the interface
BCLK. Output data changes on the falling edge of the interface BCLK. By setting the appropriate bit
clock polarity control register bits, e.g. PAIFRXBCP, the polarity of BCLK may be reversed, allowing
input data and LRCLK to be sampled on the falling edge of BCLK. Setting the bit clock polarity
register for a transmit interface results in output data changing on the rising edge of BCLK.
Similarly, the polarity of left/right clocks can be reversed by setting the appropriate left right polarity
bits, e.g. PAIFRXLRP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com