Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GV2LE08 Datasheet(PDF) 6 Page - Schneider Electric

Part # GV2LE08
Description  TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 4 A, screw clamp terminals
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2LE08 Datasheet(HTML) 6 Page - Schneider Electric

Back Button GV2LE08 Datasheet HTML 2Page - Schneider Electric GV2LE08 Datasheet HTML 3Page - Schneider Electric GV2LE08 Datasheet HTML 4Page - Schneider Electric GV2LE08 Datasheet HTML 5Page - Schneider Electric GV2LE08 Datasheet HTML 6Page - Schneider Electric GV2LE08 Datasheet HTML 7Page - Schneider Electric GV2LE08 Datasheet HTML 8Page - Schneider Electric GV2LE08 Datasheet HTML 9Page - Schneider Electric GV2LE08 Datasheet HTML 10Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1
Maximum peak current
2
32 A
3
25 A
4
18 A
5
14 A
6
10 A
7
6.3 A
8
4 A
9
2.5 A
10
1.6 A
11
Limit of rated ultimate breaking capacity on short-circuit of GV2LE (14, 18, 23, and 25 A ratings).
Thermal Limit on Short-Circuit for GV2LE Only
Thermal Limit in kA2s in the Magnetic Operating Zone
Sum of I2dt = f (prospective Isc) at 1.05 Ue = 435 V
6
May 12, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com