Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5332-5.0HTG Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5332-5.0HTG
Description  NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5332-5.0HTG Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5332-5.0HTG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5332-5.0HTG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5332-5.0HTG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5332-5.0HTG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5332-5.0HTG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5332-5.0HTG Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
6
Rev. A 7/05
MSK5332-5.0 H
G
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
The above example is a -5.0V, Class H Military regulator with gull wing leads.
NOTE:
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN; G=GULL WING
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
5.0=-5.0V; 5.2=-5.2V; 10=-10.0V; 12=-12.0V; 15=-15.0V
GENERAL PART NUMBER
ESD Triangle Indicates Pin 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com