Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG534AAP/883 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG534AAP/883
Description  4-/8-Channel Wideband Video Multiplexers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG534AAP/883 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG534AAP/883 Datasheet HTML 1Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 2Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 3Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 4Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 5Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 6Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 7Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 8Page - Vishay Siliconix DG534AAP/883 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DG534A/538A
Vishay Siliconix
www.vishay.com
2
Document Number: 70069
S-05734—Rev. G, 29-Jan-02
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Latch/Drivers
1
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
Top View
GND
DB
DA
V–
V+
SB1
SA1
GND
GND
SB2
SA2
GND
GND
SB3
SA3
GND
920
GND
SB4
Dual-In-Line
10
19
SA4
VL
11
12
18
17
8/4
RS
EN
13
16
WR
A0
14
15
A2
A1
I/O
Latch/Drivers
PLCC
7
8
9
5
20
19
21
22
23
24
25
1
2
3
4
10
11
12 13 14 15 16 17 18
26
27
28
Top View
6
GND
GND
SA2
SB2
GND
GND
SA3
SB3
GND
GND
SA4
SB4
8/4
VL
DG538ADJ
DG538ADN
TRUTH TABLE
DG534A
I/O
A1
A0
EN
WR
RS
4/2a
On Switch
X
X
X
X
1
1
Maintains previous state
X
X
X
X
X
0
X
None (latches cleared)
X
X
X
0
0
1
X
None
0
0
0
1
0
1
0
SA1
0
0
1
1
0
1
0
SA2
DA and DB may be
0
1
0
1
0
1
0
SB1
DA and DB may be
connected externally
Latches Transparent
0
1
1
1
0
1
0
SB2
0
X
0
1
0
1
1
SA1 and SB1
0
X
1
1
0
1
1
SA2 and SB2
1
Note b
1
1
Note c
Logic “0” = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com